Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4091BM Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # U4091BM
Description  Programmable Telephone Audio Processor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4091BM Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button U4091BM Datasheet HTML 2Page - TEMIC Semiconductors U4091BM Datasheet HTML 3Page - TEMIC Semiconductors U4091BM Datasheet HTML 4Page - TEMIC Semiconductors U4091BM Datasheet HTML 5Page - TEMIC Semiconductors U4091BM Datasheet HTML 6Page - TEMIC Semiconductors U4091BM Datasheet HTML 7Page - TEMIC Semiconductors U4091BM Datasheet HTML 8Page - TEMIC Semiconductors U4091BM Datasheet HTML 9Page - TEMIC Semiconductors U4091BM Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
U4091BM
Rev. A1, 02-Jun-98
Target Specification
6 (29)
READ:
There is a normal and a fast-read cycle.
In the normal read cycle, the microcontroller sends a 4-bit
address followed by the read indicator, then an 8-bit word
is read out. The U4091BM drives the data line.
The fast read cycle is indicated by a strobe signal. With
the following two clocks the U4091BM reads out the sta-
tus bits RFDO and LIDET which indicate that a ringing
signal or a line signal is present (see figures 4, 5 and 6).
DTMF Dialing
The DTMF generator sends a multi-frequency signal
through the matrix to the line. The signal is the result of
the sum of two frequencies and is internally filtered. The
frequencies are chosen from a low and a high frequency
group.
The circuit conforms to the CEPT recommendation
concerning DTMF option.
Two different levels for the low level group and two
different pre-emphasis (2.5 dB and 3.5 dB) can be chosen
by means of the serial bus (rec. T/CF 46–03).
Melody – Confidence Tone Generation
Melody/confidence tone frequencies are given in the
table below.
The frequencies are provided at the DTMF input of the
switch matrix. A sinus wave, a square wave or a pulsed
wave can be selected by the serial bus. Square signal
means the output is half of frequency cycle high and half
low. Pulsed signal means between the high and low
phases are high impedance phases of 1/6 of the period.
DTMFM[0:2]
0
000
DTMF generator OFF
1
001
Confidence tone melody
on (sinus)
2
010
Ringer melody (pulse)
3
011
Ringer melody
(square signal)
4
100
DTMF (high level)
5
101
DTMF (low level)
6
110
7
111
DTMFF[0:1]
in DTMF
Mode
Frequency
Error / %
0
00
697
–0.007
1
01
770
–0.156
2
10
852
0.032
3
11
941
0.316
DTMFF[2:3]
in DTMF
Mode
Frequency
Error / %
0
00
1209
–0.110
1
01
1336
0.123
2
10
1477
–0.020
3
11
1633
–0.182
DTMFF4 in DTMF mode
Pre-Emphasis Selection
0
2.5 dB
1
3.5 dB
DTMFF
[0:4]
f
Hz
Tone-
Name
Error/%
DTMF
Key
0
00000
440.0
a1
–0.008
697
1209
1
1
00001
466.2
b1
–0.016
770
1209
4
2
00010
493.9
h1
–0.003
852
1209
7
3
00011
523.2
c2
0.014
941
1209
*
4
00100
554.4
des2
0.018
697
1336
2
5
00101
587.3
d2
–0.023
770
1336
5
6
00110
622.3
es2
–0.129
852
1336
8
7
00111
659.3
e2
0.106
941
1336
0
8
01000
698.5
f2
–0.216
697
1477
3
9
01001
740.0
ges2
–0.222
770
1477
6
10
01010
784.0
g2
0.126
852
1477
9
11
01011
830.0
as2
–0.169
941
1477
#
12
01100
880.0
a2
0.288
697
1633
A
13
01101
932.3
b2
–0.014
770
1633
B
14
01110
987.8
h2
–0.004
852
1633
C
15
01111
1046.5
c3
–0.335
941
1633
D
16
10000
1108.7
des3
–0.355
697
1209
1
17
10001
1174.7
d3
–0.023
770
1209
4
18
10010
1244.5
es3
–0.129
852
1209
7
19
10011
1318.5
e3
0.106
941
1209
*
20
10100
1396.9
f3
–0.214
697
1336
2
21
10101
1480.0
ges3
–0.222
770
1336
5
22
10110
1568.0
g3
0.126
852
1336
8
23
10111
1661.2
as3
–0.241
941
1336
0
24
11000
1760.0
a3
–0.302
697
1477
3
25
11001
1864.6
b3
–0.014
770
1477
6
26
11010
1975.5
h3
0.665
852
1477
9
27
11011
2093.0
c4
0.367
941
1477
#
28
11100
2217.5
des4
0.387
697
1633
A
29
11101
2349.3
d4
0.771
770
1633
B
30
11110
2663.3
–––
852
1633
C
31
11111
2983.0
–––
941
1633
D


Similar Part No. - U4091BM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
U4091BM-NFN ATMEL-U4091BM-NFN Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
U4091BM-NFNG3 ATMEL-U4091BM-NFNG3 Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
U4091BM-RFNG3Y ATMEL-U4091BM-RFNG3Y Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
More results

Similar Description - U4091BM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
logo
TEMIC Semiconductors
U3900BM TEMIC-U3900BM Datasheet
762Kb / 34P
   Programmable Telephone Audio Processor
U4091B TEMIC-U4091B Datasheet
107Kb / 11P
   Programmable Telephone Audio Processor
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
   Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com