Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4091BM-AFNG3 Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U4091BM-AFNG3
Description  Programmable Telephone Audio Processor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4091BM-AFNG3 Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U4091BM-AFNG3 Datasheet HTML 1Page - TEMIC Semiconductors U4091BM-AFNG3 Datasheet HTML 2Page - TEMIC Semiconductors U4091BM-AFNG3 Datasheet HTML 3Page - TEMIC Semiconductors U4091BM-AFNG3 Datasheet HTML 4Page - TEMIC Semiconductors U4091BM-AFNG3 Datasheet HTML 5Page - TEMIC Semiconductors U4091BM-AFNG3 Datasheet HTML 6Page - TEMIC Semiconductors U4091BM-AFNG3 Datasheet HTML 7Page - TEMIC Semiconductors U4091BM-AFNG3 Datasheet HTML 8Page - TEMIC Semiconductors U4091BM-AFNG3 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
U4091BM
Target Specification
3 (29)
Rev. A1, 02-Jun-98
Pin Description
Pin
Symbol
Function
1
RECIN
Receive amplifier input
2
TXACL
Time-constant adjustment for
transmit anti-clipping
3
MIC3
Microphone input for hands-free
operation
4
MIC2
Input of symmetrical microphone
amplifier with high common-mode
rejection ratio
5
MIC1
Input of symmetrical microphone
amplifier with high common-mode
rejection ratio
6
RECO2
Output of the receive amplifier
7
RECO1
Output of the receive amplifier, also
used for sidetone network
8
IND
The internal equivalent inductance
of the circuit is proportional to the
value of the capacitor at this pin. A
resistor connected to ground may be
used to adjust the DC mask.
9
VL
Positive supply-voltage input to the
device in speech mode
10
SENSE
Input for sensing the available line
current
11
GND
Ground, reference point for DC- and
AC signals
12
VB
Unstabilized supply voltage for
speech network
13
SAO2
Negative output of speaker
amplifier (push-pull only)
14
SAO1
Positive output of speaker amplifier
(single ended and push-pull
operation)
15
VMPS
Unregulated supply voltage for the
microcontroller (via series regulator
to VMP)
16
VMP
Regulated output voltage for
supplying the microcontroller
(typ. 3.3 V/ 6 mA in speech mode)
17
VMIC
Reference node for microphone
amplifier, supply for electret
microphones
18
TSACL
Time constant for speaker amplifier
anti-clipping
Pin
Symbol
Function
19
VRING
Input for ringer supply
20
IMPA
Input for adjusting the ringer input
impedance
21
COSC
70-kHz oscillator for ringing power
converter
22
SWOUT Output for driving the external
switch resistor
23
INT
Interrupt line for serial bus
24
SCL
Clock input for serial bus
25
SDA
Data line for serial bus
26
OSCIN
Input for 3.58-MHz oscillator
27
OSCOUT Clock output for the microcontroller
28
RESET
Reset output for the microcontroller
29
ES
Input for external supply indication
30
ADIN
Input of A/D converter
31
BNMR
Output of background-noise monitor
receive
32
BNMT
Output of background-noise monitor
transmit
33
CT
Time constant for mode switching
of voice switch
34
TLDR
Time constant of receive-level
detector
35
INLDR
Input of receive-level detector
36
INLDT
Input of transmit-level detector
37
TLDT
Time constant of transmit-level
detector
38
IMPSW
Switch for aditional line impedance
39
MICO
Microphone preamplifier output
40
AMPB
Input for playback signal of
answering machine
41
AMREC Output for recording signal of
answering machine
42
STO
Output for connecting the sidetone
network
43
STC
Input for sidetone network
44
STRC
Input for sidetone network
Remark: The protection device at Pin RECIN is disconnected.


Similar Part No. - U4091BM-AFNG3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
U4091BM-NFN ATMEL-U4091BM-NFN Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
U4091BM-NFNG3 ATMEL-U4091BM-NFNG3 Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
U4091BM-RFNG3Y ATMEL-U4091BM-RFNG3Y Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
More results

Similar Description - U4091BM-AFNG3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
logo
TEMIC Semiconductors
U3900BM TEMIC-U3900BM Datasheet
762Kb / 34P
   Programmable Telephone Audio Processor
U4091B TEMIC-U4091B Datasheet
107Kb / 11P
   Programmable Telephone Audio Processor
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
   Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com