Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS0104ERGYRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0104ERGYRG4
Description  4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0104ERGYRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TXS0104ERGYRG4 Datasheet HTML 4Page - Texas Instruments TXS0104ERGYRG4 Datasheet HTML 5Page - Texas Instruments TXS0104ERGYRG4 Datasheet HTML 6Page - Texas Instruments TXS0104ERGYRG4 Datasheet HTML 7Page - Texas Instruments TXS0104ERGYRG4 Datasheet HTML 8Page - Texas Instruments TXS0104ERGYRG4 Datasheet HTML 9Page - Texas Instruments TXS0104ERGYRG4 Datasheet HTML 10Page - Texas Instruments TXS0104ERGYRG4 Datasheet HTML 11Page - Texas Instruments TXS0104ERGYRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
Switching Characteristics
TXS0104E
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
FOR OPEN-DRAIN APPLICATIONS
SCES651B – JUNE 2006 – REVISED FEBRUARY 2007
over recommended operating free-air temperature range, V
CCA = 3.3 V ± 0.3 V (unless otherwise noted)
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
TEST
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
MIN
MAX
MIN
MAX
Push-pull driving
2.4
3.1
tPHL
Open-drain driving
1.3
4.2
1.4
4.6
A
B
ns
Push-pull driving
4.2
4.4
tPLH
Open-drain driving
36
204
28
165
Push-pull driving
2.5
3.3
tPHL
Open-drain driving
1
124
1
97
B
A
ns
Push-pull driving
2.5
2.6
tPLH
Open-drain driving
3
139
3
105
ten
OE
A or B
200
200
ns
tdis
OE
A or B
40
35
ns
Push-pull driving
2.3
5.6
1.9
4.8
trA
A-port rise time
ns
Open-drain driving
25
116
19
85
Push-pull driving
2.5
6.4
2.1
7.4
trB
B-port rise time
ns
Open-drain driving
26
116
14
72
Push-pull driving
2
5.4
1.9
5
tfA
A-port fall time
ns
Open-drain driving
4.3
6.1
4.2
5.7
Push-pull driving
2.3
7.4
2.4
7.6
tfB
B-port fall time
ns
Open-drain driving
5
7.6
4.8
8.3
tSK(O)
Channel-to-channel skew
1
1
ns
Push-pull driving
24
24
Max data rate
Mbps
Open-drain driving
1
1
8
Submit Documentation Feedback


Similar Part No. - TXS0104ERGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0104ERGYRG4 TI-TXS0104ERGYRG4 Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104ERGYRG4 TI-TXS0104ERGYRG4 Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104ERGYRG4 TI-TXS0104ERGYRG4 Datasheet
814Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104ERGYRG4 TI-TXS0104ERGYRG4 Datasheet
910Kb / 26P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104ERGYRG4 TI-TXS0104ERGYRG4 Datasheet
1Mb / 41P
[Old version datasheet]   TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results

Similar Description - TXS0104ERGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102 Datasheet
261Kb / 13P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101 TI-TXS0101 Datasheet
590Kb / 18P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0104E_101 TI-TXS0104E_101 Datasheet
814Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E_102 TI-TXS0104E_102 Datasheet
910Kb / 26P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E-Q1 TI1-TXS0104E-Q1 Datasheet
853Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0104E TI-TXS0104E_10 Datasheet
807Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI-TXS0104E_08 Datasheet
679Kb / 22P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0104E TI1-TXS0104E_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
REVISED AUGUST 2023
TXS0104E TI-TXS0104E_V01 Datasheet
1Mb / 41P
[Old version datasheet]   TXS0104E 4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com