Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND01GW4B2BZA1E Datasheet(PDF) 1 Page - STMicroelectronics

Part # NAND01GW4B2BZA1E
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01GW4B2BZA1E Datasheet(HTML) 1 Page - STMicroelectronics

  NAND01GW4B2BZA1E Datasheet HTML 1Page - STMicroelectronics NAND01GW4B2BZA1E Datasheet HTML 2Page - STMicroelectronics NAND01GW4B2BZA1E Datasheet HTML 3Page - STMicroelectronics NAND01GW4B2BZA1E Datasheet HTML 4Page - STMicroelectronics NAND01GW4B2BZA1E Datasheet HTML 5Page - STMicroelectronics NAND01GW4B2BZA1E Datasheet HTML 6Page - STMicroelectronics NAND01GW4B2BZA1E Datasheet HTML 7Page - STMicroelectronics NAND01GW4B2BZA1E Datasheet HTML 8Page - STMicroelectronics NAND01GW4B2BZA1E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
November 2006
Rev 3
1/62
1
NAND01G-B2B
NAND02G-B2C
1 Gbit, 2 Gbit,
2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
Features
High Density NAND Flash memories
Up to 2 Gbit memory array
Cost effective solutions for mass
storage applications
NAND interface
x8 or x16 bus width
Multiplexed Address/ Data
Pinout compatibility for all densities
Supply voltage: 1.8V/3.0V
Page size
x8 device: (2048 + 64 spare) Bytes
x16 device: (1024 + 32 spare) Words
Block size
x8 device: (128K + 4K spare) Bytes
x16 device: (64K + 2K spare) Words
Page Read/Program
Random access: 25µs (max)
Sequential access: 30ns (min)
Page program time: 200µs (typ)
Copy Back Program mode
Cache Program and Cache Read modes
Fast Block Erase: 2ms (typ)
Status Register
Electronic Signature
Chip Enable ‘don’t care’
Serial Number option
Data protection
Hardware Block Locking
Hardware Program/Erase locked during
Power transitions
Data integrity
100,000 Program/Erase cycles
10 years Data Retention
ECOPACK® packages
Development tools
Error Correction Code models
Bad Blocks Management and Wear
Leveling algorithms
Hardware simulation models
FBGA
TSOP48 12 x 20mm
VFBGA63 9.5 x 12 x 1mm
VFBGA63 9 x 11 x 1mm
Table 1.
Product List
Reference
Part Number
NAND01G-B2B
NAND01GR3B2B, NAND01GW3B2B
NAND01GR4B2B
, NAND01GW4B2B(1)
NAND02G-B2C
NAND02GR3B2C, NAND02GW3B2C
NAND02GR4B2C, NAND02GW4B2C(1)
1.
x16 organization only available for MCP Products.
www.st.com


Similar Part No. - NAND01GW4B2BZA1E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND01GW4B2BZA1E NUMONYX-NAND01GW4B2BZA1E Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
More results

Similar Description - NAND01GW4B2BZA1E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND08GW3C2A NUMONYX-NAND08GW3C2A Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com