Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT140049LWI-GT3 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT140049LWI-GT3
Description  Voltage Supervisor with I2C Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT140049LWI-GT3 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT140049LWI-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT140049LWI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT140049LWI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT140049LWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT140049LWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT140049LWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT140049LWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT140049LWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT140049LWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT140xx
© 2006 Catalyst Semiconductor, Inc.
3
Doc. No. 1117 Rev. A
Characteristics subject to change without notice
A.C. CHARACTERISTICS (MEMORY)
(1)
VCC = 2.5V to 5.5V, TA = -40°C to 85°C, unless otherwise specified.
Standard
Fast
Symbol
Parameter
Min
Max
Min
Max
Units
FSCL
Clock Frequency
100
400
kHz
tHD:STA
START Condition Hold Time
4
0.6
µs
tLOW
Low Period of SCL Clock
4.7
1.3
µs
tHIGH
High Period of SCL Clock
4
0.6
µs
tSU:STA
START Condition Setup Time
4.7
0.6
µs
tHD:DAT
Data In Hold Time
0
0
µs
tSU:DAT
Data In Setup Time
250
100
ns
tR
(2)
SDA and SCL Rise Time
1000
300
ns
tF
(2)
SDA and SCL Fall Time
300
300
ns
tSU:STO
STOP Condition Setup Time
4
0.6
µs
tBUF
Bus Free Time Between STOP and START
4.7
1.3
µs
tAA
SCL Low to Data Out Valid
3.5
0.9
µs
tDH
Data Out Hold Time
100
100
ns
Ti
(2)
Noise Pulse Filtered at SCL and SDA Inputs
100
100
ns
tWR
Write Cycle Time
5
5
ms
tPU
(2, 3)
Power-up to Ready Mode
1
1
ms
Notes
:
(1) Test conditions according to “A.C. Test Conditions” table.
(2) Tested initially and after a design or process change that affects this parameter.
(3) tPU is the delay between the time VCC is stable and the device is ready to accept commands.
A.C. TEST CONDITIONS
Input Levels
0.2 x VCC to 0.8 x VCC
Input Rise and Fall Times
50 ns
Input Reference Levels
0.3 x VCC, 0.7 x VCC
Output Reference Levels
0.5 x VCC
Output Load
Current Source: IOL = 3 mA; CL = 100 pF


Similar Part No. - CAT140049LWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT140049LWI-GT3 ONSEMI-CAT140049LWI-GT3 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
More results

Similar Description - CAT140049LWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
logo
Catalyst Semiconductor
CAT13008 CATALYST-CAT13008 Datasheet
298Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC256 ARTSCHIP-24LC256 Datasheet
381Kb / 9P
   I2C CMOS Serial EEPROM
logo
Microchip Technology
24LC515 MICROCHIP-24LC515 Datasheet
285Kb / 22P
   512K I2C CMOS Serial EEPROM
2003
24FC128 MICROCHIP-24FC128 Datasheet
450Kb / 26P
   128K I2C CMOS Serial EEPROM
2004
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128SM MICROCHIP-24AA128SM Datasheet
952Kb / 38P
   128K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com