Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT150021LWI-GT3 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT150021LWI-GT3
Description  Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT150021LWI-GT3 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT150021LWI-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT150021LWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CAT15002, CAT15004
Doc. No. 1126 Rev. A
4
© 2007 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ELECTRICAL CHARACTERISTICS (SUPERVISORY FUNCTION)
VCC = Full range, TA = -40°C to +85°C unless otherwise noted. Typical values at TA = +25°C and VCC = 5V for
L/M/J versions, VCC = 3.3V for T/S versions, VCC = 3V for R version and VCC = 2.5V for Z version.
Symbol
Parameter
Threshold
Conditions
Min
Typ
Max
Units
TA = +25°C
4.56
4.63
4.70
L
TA = -40°C to +85°C
4.50
4.75
TA = +25°C
4.31
4.38
4.45
M
TA = -40°C to +85°C
4.25
4.50
TA = +25°C
3.93
4.00
4.06
J
TA = -40°C to +85°C
3.89
4.10
TA = +25°C
3.04
3.08
3.11
T
TA = -40°C to +85°C
3.00
3.15
TA = +25°C
2.89
2.93
2.96
S
TA = -40°C to +85°C
2.85
3.00
TA = +25°C
2.59
2.63
2.66
R
TA = -40°C to +85°C
2.55
2.70
TA = +25°C
2.28
2.32
2.35
VTH
Reset Threshold Voltage
Z
TA = -40°C to +85°C
2.25
2.38
V
Symbol Parameter
Conditions
Min
Typ
(1)
Max
Units
Reset Threshold Tempco
30
ppm/°C
tRPD
VCC to Reset Delay
(2)
VCC = VTH to (VTH -100mV)
20
µs
tPURST
Reset Active Timeout Period
TA = -40°C to +85°C
140
240
460
ms
VCC = VTH min, ISINK = 1.2mA
R/S/T/Z
0.3
VCC = VTH min, ISINK = 3.2mA
J/L/M
0.4
VOL
RESET
¯¯¯¯¯¯ Output Voltage Low
(Push-pull, active LOW,
CAT150xx9)
VCC > 1.0V, ISINK = 50µA
0.3
V
VCC = VTH max, ISOURCE = -500µA
R/S/T/Z
0.8VCC
VOH
RESET
¯¯¯¯¯¯ Output Voltage High
(Push-pull, active LOW,
CAT150xx9)
VCC = VTH max, ISOURCE = -800µA
J/L/M
VCC - 1.5
V
VCC > VTH max, ISINK = 1.2mA
R/S/T/Z
0.3
VOL
RESET Output Voltage Low
(Push-pull, active HIGH,
CAT150xx1)
VCC > VTH max, ISINK = 3.2mA
J/L/M
0.4
V
VOH
RESET Output Voltage High
(Push-pull, active HIGH,
CAT150xx1)
1.8V < VCC ≤ VTH min,
ISOURCE = -150µA
0.8VCC
V
Notes:
(1) Production testing done at TA = +25ºC; limits over temperature guaranteed by design only.
(2)
RESET output for the CAT150xx9; RESET output for the CAT150xx1.


Similar Part No. - CAT150021LWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT150021LWI-GT3 ONSEMI-CAT150021LWI-GT3 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
More results

Similar Description - CAT150021LWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT15002 ONSEMI-CAT15002 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com