Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CTQ050-1TRL Datasheet(PDF) 2 Page - International Rectifier

Part # 30CTQ050-1TRL
Description  SCHOTTKY RECTIFIER 30 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CTQ050-1TRL Datasheet(HTML) 2 Page - International Rectifier

  30CTQ050-1TRL Datasheet HTML 1Page - International Rectifier 30CTQ050-1TRL Datasheet HTML 2Page - International Rectifier 30CTQ050-1TRL Datasheet HTML 3Page - International Rectifier 30CTQ050-1TRL Datasheet HTML 4Page - International Rectifier 30CTQ050-1TRL Datasheet HTML 5Page - International Rectifier 30CTQ050-1TRL Datasheet HTML 6Page - International Rectifier 30CTQ050-1TRL Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
30CTQ...SPbF, 30CTQ...-1PbF
2
Bulletin PD-21018 rev. A 07/06
www.irf.com
I
F(AV) Max. Average Forward
(Per Leg)
15
A
50% duty cycle @ T
C = 105°C, rectangular wave form
Current
* See Fig. 5
(Per Device)
30
I
FSM
Max. Peak One Cycle Non-Repetitive
1000
5μs Sine or 3μs Rect. pulse
Surge Current (Per Leg)
* See Fig. 7
260
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
13
mJ
T
J = 25 °C, IAS = 1.50 Amps, L = 11.5 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
1.50
A
Current decaying linearly to zero in 1 μsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
T
J
Max. Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC Max. Thermal Resistance Junction
3.25
°C/W DC operation
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
1.63
°C/W DC operation
to Case (Per Package)
R
thCS Typical Thermal Resistance, Case
0.50
°C/W Mounting surface , smooth and greased
to Heatsink
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Marking Device
30CTQ...S
Case style D2Pak
30CTQ...-1
Case style TO-262
Absolute Maximum Ratings
Parameters
Values Units
Conditions
A
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
Values Units
Conditions
V
FM
Max. Forward Voltage Drop
0.62
V
@ 15A
(Per Leg) * See Fig. 1
(1)
0.82
V
@ 30A
0.56
V
@ 15A
0.71
V
@ 30A
I
RM
Max. Reverse Leakage Current
0.80
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
45
mA
T
J = 125 °C
V
F(TO) Threshold Voltage
0.39
V
T
J = TJ max.
r
t
Forward Slope Resistance
8.47
m
Ω
CT
Max. Junction Capacitance (Per Leg)
720
pF
VR = 5VDC (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/ μs (Rated VR)
T
J =
25 °C
T
J = 125 °C
Electrical Specifications
(1) Pulse Width < 300μs, Duty Cycle <2%
V
R = rated VR
Parameters
Values Units
Conditions
Following any rated
load condition and with
rated VRRM applied
30CTQ050SPbF
30CTQ060SPbF
30CTQ050-1PbF
30CTQ060-1PbF
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
50
60
Voltage Ratings
Parameters


Similar Part No. - 30CTQ050-1TRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CTQ050-1TRL VISHAY-30CTQ050-1TRL Datasheet
133Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
30CTQ050-1TRLPBF VISHAY-30CTQ050-1TRLPBF Datasheet
134Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CTQ050-1TRLPBF VISHAY-30CTQ050-1TRLPBF Datasheet
126Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 15-Mar-10
More results

Similar Description - 30CTQ050-1TRL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SD41 MICROSEMI-SD41 Datasheet
117Kb / 2P
   30 Amp Schottky Rectifier
logo
International Rectifier
30CPQ080 IRF-30CPQ080 Datasheet
55Kb / 4P
   SCHOTTKY RECTIFIER 30 Amp
logo
New Jersey Semi-Conduct...
SBR3035 NJSEMI-SBR3035 Datasheet
87Kb / 1P
   30 Amp Schottky Rectifier
logo
International Rectifier
30CPQ035PBF IRF-30CPQ035PBF Datasheet
238Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
MBR2535CTPBF IRF-MBR2535CTPBF Datasheet
169Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
30CPQ050PBF IRF-30CPQ050PBF Datasheet
211Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
21FQ IRF-21FQ Datasheet
47Kb / 4P
   SCHOTTKY RECTIFIER 30 Amp
30L30CTPBF IRF-30L30CTPBF Datasheet
533Kb / 7P
   SCHOTTKY RECTIFIER 30 Amp
logo
Microsemi Corporation
21FQ040 MICROSEMI-21FQ040 Datasheet
136Kb / 2P
   30 AMP SCHOTTKY RECTIFIER
SBR3035 MICROSEMI-SBR3035 Datasheet
120Kb / 2P
   30 Amp Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com