Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT150049JWI-GT3 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT150049JWI-GT3
Description  Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT150049JWI-GT3 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT150049JWI-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT150049JWI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT150049JWI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT150049JWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT150049JWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT150049JWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT150049JWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT150049JWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT150049JWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT15002, CAT15004
© 2007 Catalyst Semiconductor, Inc.
5
Doc. No. 1126 Rev. A
Characteristics subject to change without notice
PIN DESCRIPTION
RESET/RESET
¯¯¯¯¯¯: Reset output is available in two
versions: CMOS Active Low (CAT150xx9) and CMOS
Active High (CAT150xx1). Both versions are push-pull
outputs for high efficiency.
SI: The serial data input pin accepts op-codes,
addresses and data. In SPI modes (0,0) and (1,1)
input data is latched on the rising edge of the SCK
clock input.
SO: The serial data output pin is used to transfer data
out of the device. In SPI modes (0,0) and (1,1) data is
shifted out on the falling edge of the SCK clock.
SCK: The serial clock input pin accepts the clock
provided by the host and used for synchronizing
communication between host and CAT15002/04.
CS
¯¯ : The chip select input pin is used to enable/disable
the CAT15002/04. When CS
¯¯ is high, the SO output is
tri-stated (high impedance) and the device is in
Standby Mode (unless an internal write operation is in
progress). Every communication session between host
and CAT15002/04 must be preceded by a high to low
transition and concluded with a low to high transition of
the CS
¯¯ input.
WP
¯¯¯: The write protect input pin will allow all write
operations to the device when held high. When WP
¯¯¯
pin is tied low all write operations are inhibited.
DEVICE OPERATION
The CAT15002/04 products combine the accurate
voltage monitoring capabilities of a standalone voltage
supervisor with the high quality and reliability of
standard EEPROMs from Catalyst Semiconductor.
RESET CONTROLLER DESCRIPTION
The reset signal is asserted LOW for the CAT150xx9
and HIGH for the CAT150xx1 when the power supply
voltage falls below the threshold trip voltage and
remains asserted for at least 140ms (tPURST) after the
power supply voltage has risen above the threshold.
Reset output timing is shown in Figure 1.
The CAT15002/04 devices protect µPs against brown-out
failure. Short duration VCC transients of 4µsec or less and
100mV amplitude typically do not generate a Reset pulse.
VCC
PURST
t
PURST
t
RPD
t
RVALID
V
V
TH
RESE T
RESE T
CAT150xx9
CAT150xx1
RPD
t
Figure 1. RESET Output Timing


Similar Part No. - CAT150049JWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT150049JWI-GT3 ONSEMI-CAT150049JWI-GT3 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
More results

Similar Description - CAT150049JWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT15002 ONSEMI-CAT15002 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com