Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58011UMITR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58011UMITR
Description  7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58011UMITR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58011UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58011UMITR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
SY58011U
Micrel, Inc.
M9999-020207
hbwhelp@micrel.com or (408) 955-1690
1
DESCRIPTION
Precision 1:2, 400mV CML fanout buffer
Guaranteed AC performance over temperature/
voltage:
• > 7GHz fMAX clock
• < 60ps tr /tf times
• < 250ps tpd
• < 15ps max. skew
Low jitter performance:
• < 10psPP total jitter (clock)
• < 1psRMS random jitter (data)
• < 10psPP deterministic jitter (data)
Accepts an input signal as low as 100mV
Unique input termination and VT pin accepts DC-
coupled and AC-coupled differential
inputs: LVPECL, LVDS, and CML
50
source terminated CML outputs
Power supply 2.5V
±5% and 3.3V ±10%
Industrial temperature range: –40
°C to +85°C
Available in 16-pin (3mm
××××× 3mm) MLF® package
FEATURES
7GHz, 1:2 CML FANOUT
BUFFER/TRANSLATOR WITH
INTERNAL I/O TERMINATION
Precision Edge®
SY58011U
APPLICATIONS
s All SONET and GigE clock distribution
s Fibre Channel clock and data distribution
s Backplanes
s Data distribution: OC-48, OC-48+FEC, XAUI
s High-end, low skew, multiprocessor synchronous
clock distribution
Rev.: D
Amendment: /0
Issue Date:
February 2007
The SY58011U is a 2.5V/3.3V precision, high-speed, fully
differential 1:2 CML fanout buffer. Optimized to provide two
identical output copies with less than 15ps of skew and less
than 10ps(pk-pk) total jitter, the SY58011U can process clock
signals as fast as 7GHz or data patterns up to 10.7Gbps.
The differential input includes Micrel’s unique, 3-pin input
termination architecture that interfaces to LVPECL, LVDS,
or CML differential signals, (AC-coupled or DC-coupled) as
small as 100mV without any level-shifting or termination
resistor networks in the signal path. For AC-coupled input
interface applications, an on-board output reference voltage
(VREF-AC) is provided to bias the VT pin. The outputs are
compatible with 400mV typical swing into 50
Ω loads, with
extremely fast rise/fall times guaranteed to be less than
60ps.
The SY58011U operates from a 2.5V
±5% supply or
3.3V
±10% supply and is guaranteed over the full industrial
temperature range (–40
°C to +85°C). For applications that
require LVPECL outputs, consider the SY58012U or
SY58013U 1:2 fanout buffer with 800mV and 400mV output
swing, respectively. The SY58011U is part of Micrel’s high-
speed, Precision Edge™ product line. Data sheets and
support documentation can be found on Micrel’s web site at
www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
TYPICAL PERFORMANCE
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
IN
/IN
Q1
/Q1
Q0
/Q0
VT
50
50
VREF-AC
2GHz Output
TIME (70ps/div.)
VCC = 2.5V
2GHz with 100mV Input
Precision Edge®


Similar Part No. - SY58011UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58011UMITR MICREL-SY58011UMITR Datasheet
195Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58011UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58011U MICREL-SY58011U_08 Datasheet
195Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_11 Datasheet
202Kb / 10P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_14 Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020U MICREL-SY58020U Datasheet
120Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_07 Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U_11 Datasheet
323Kb / 10P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
SY58034U_0708 MICREL-SY58034U_0708 Datasheet
125Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com