Selected language     English  ▼


ULN2003A Datasheet(PDF) 4 Page - Allegro MicroSystems

Part No. ULN2003A
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

 
 4 page
background image
2003 THRU 2024
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAYS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Test
Applicable
Limits
Characteristic
Symbol
Fig.
Devices
Test Conditions
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
1AA
ll
VCE = 95 V, TA = 25°C
< 1
50
µA
VCE = 95 V, TA = 70°C
< 1
100
µA
1B
ULN2024A/L
VCE = 95 V, TA = 70°C, VIN = 1.0 V
< 5
500
µA
Collector-Emitter
VCE(SAT)
2All
IC = 100 mA, IB = 250 µA—
0.9
1.1
V
Saturation Voltage
lC = 200 mA, IB = 350 µA—
1.1
1.3
V
IC = 350 mA, IB = 500 µA—
1.3
1.6
V
Input Current
IIN(ON)
3
ULN2023A/L
VIN = 3.85 V
0.93
1.35
mA
ULN2024A/L
VIN = 5.0 V
0.35
0.5
mA
VIN = 12 V
1.0
1.45
mA
IIN(OFF)
4All
lC = 500 µA, TA = 70°C50
65
µA
Input Voltage
VIN(ON)
5
ULN2023A/L
VCE = 2.0 V, lC = 200 mA—
2.4
V
VCE = 2.0 V, IC = 250 mA—
2.7
V
VCE = 2.0 V, lC = 300 mA—
3.0
V
ULN2024A/L
VCE = 2.0 V, lC = 125 mA—
5.0
V
VCE = 2.0 V, lC = 200 mA—
6.0
V
VCE = 2.0 V, IC = 275 mA—
7.0
V
VCE = 2.0 V, lC = 350 mA—
8.0
V
Input Capacitance
CIN
—All
15
25
pF
Turn-On Delay
tPLH
8
All
0.5 EIN to 0.5 EOUT
0.25
1.0
µs
Turn-Off Delay
tPHL
8
All
0.5 EIN to 0.5 EOUT
0.25
1.0
µs
Clamp Diode
IR
6All
VR = 95 V, TA = 25°C—
50
µA
Leakage Current
VR = 95 V, TA = 70°C
100
µA
Clamp Diode
VF
7All
IF = 350 mA—
1.7
2.0
V
Forward Voltage
Complete part number includes suffix to identify package style: A = DIP, L = SOIC.
Types ULN2023A, ULN2023L, ULN2024A, and ULN2024L
ELECTRICAL CHARACTERISTICS at +25
°C (unless otherwise noted).




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UNL2803High-Voltage High-Current Darlington Arrays 1 2 3 4 5 List of Unclassifed Manufacturers
ULN2803EIGHT DARLINGTON ARRAYS 1 2 3 4 5 MoreUnisonic Technologies
OPA544High-Voltage High-Current OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
BDT64SILICON DARLINGTON POWER TRANSISTORS 1 2 3 4 5 MoreNXP Semiconductors
2SC6040High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications 1 2 3 4 5 Toshiba Semiconductor
VSC7121Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays 1 2 3 4 5 MoreVitesse Semiconductor Corporation
ADA-4743Silicon Bipolar Darlington Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ECN2102HIGH-VOLTAGE MONOLITHIC IC 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl