Selected language     English  ▼


ULN2003A Datasheet(PDF) 5 Page - Allegro MicroSystems

Part No. ULN2003A
Description  HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

 
 5 page
background image
2003 THRU 2024
HIGH-VOLTAGE,
HIGH-CURRENT
DARLINGTON ARRAYS
www.allegromicro.com
OPEN
OPEN
VCE
ICEX
µA
VIN
OPEN
VCE
ICEX
µA
IB
OPEN
hFE =
VCE
V
IC
IB
IC
VIN
OPEN
mA
OPEN
IIN
OPEN
VCE
IC
µA
IIN
µA
V
OPEN
VCE
V
VIN
IC
OPEN
VR
IR
µA
IF
OPEN
VF
V
50%
50%
50%
50%
t pHL
t pHL
OUTPUT
INPUT
VIN
PULSE
GENERATOR
PRR = 10KHz
DC = 50%
INPUT
93
50 pF
OUT
30
100
+50 V
Dwg. No. A-9732A
Dwg. No. A-9733A
Dwg. No. A-9734A
FIGURE 6
FIGURE 7
FIGURE 8
Dwg. No. A-9735A
Dwg. No. A-9736A
V
in
ULN20X3*
3.5 V
ULN20X4*
12 V
TEST FIGURES
FIGURE 1A
FIGURE 1B
FIGURE 2
FIGURE 3
FIGURE 4
FIGURE 5
* Complete part number includes a final letter to indicate package.
X = Digit to identify specific device. Specification shown applies to family of devices with remaining digits as shown.
Dwg. No. A-9731A
Dwg. No. A-9730A
Dwg. No. A-9729A




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UNL2803High-Voltage High-Current Darlington Arrays 1 2 3 4 5 List of Unclassifed Manufacturers
ULN2803EIGHT DARLINGTON ARRAYS 1 2 3 4 5 MoreUnisonic Technologies
OPA544High-Voltage High-Current OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
BDT64SILICON DARLINGTON POWER TRANSISTORS 1 2 3 4 5 MoreNXP Semiconductors
2SC6040High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications 1 2 3 4 5 Toshiba Semiconductor
VSC7121Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays 1 2 3 4 5 MoreVitesse Semiconductor Corporation
ADA-4743Silicon Bipolar Darlington Amplifier 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
ECN2102HIGH-VOLTAGE MONOLITHIC IC 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl