Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC705J2VP Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC68HC705J2VP
Description  HCMOS MICROCONTROLLER UNIT
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC705J2VP Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC68HC705J2VP Datasheet HTML 7Page - Motorola, Inc MC68HC705J2VP Datasheet HTML 8Page - Motorola, Inc MC68HC705J2VP Datasheet HTML 9Page - Motorola, Inc MC68HC705J2VP Datasheet HTML 10Page - Motorola, Inc MC68HC705J2VP Datasheet HTML 11Page - Motorola, Inc MC68HC705J2VP Datasheet HTML 12Page - Motorola, Inc MC68HC705J2VP Datasheet HTML 13Page - Motorola, Inc MC68HC705J2VP Datasheet HTML 14Page - Motorola, Inc MC68HC705J2VP Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
MC68HC705J2
MOTOROLA
Rev. 2
ix
LIST OF TABLES
Table
Title
Page
3-1
I/O Pin Functions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-2
7-1
Real-Time Interrupt Rate Selection. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7-3
8-1
Bootloader Function Selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8-2
10-1
Register/Memory Instructions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10-4
10-2
Read-Modify-Write Instructions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10-5
10-3
Jump and Branch Instructions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10-6
10-4
Bit Manipulation Instructions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10-7
10-5
Control Instructions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10-7
10-6
Instruction Set Summary. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10-8
10-7
Opcode Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10-14
11-1
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11-1
11-2
Thermal Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11-1
11-3
DC Electrical Characteristics (VDD = 5.0 Vdc) . . . . . . . . . . . . . . . . . . . . . . . 11-3
11-4
DC Electrical Characteristics (VDD = 3.3 Vdc) . . . . . . . . . . . . . . . . . . . . . . . 11-4
11-5
Control Timing (VDD = 5.0 Vdc) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11-7
11-6
Control Timing (VDD = 3.3 Vdc) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11-8


Similar Part No. - MC68HC705J2VP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC705J2 FREESCALE-MC68HC705J2 Datasheet
2Mb / 82P
   member of the low-cost
More results

Similar Description - MC68HC705J2VP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
   HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
   HCMOS Microcontroller Unit
logo
Motorola, Inc
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
   HCMOS MICROCONTROLLER UNIT
logo
Motorola, Inc
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
   HCMOS Microcontroller Unit
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
   HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
   HCMOS Microcontroller Unit
MC68HC11K4 FREESCALE-MC68HC11K4 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68HC11L6 FREESCALE-MC68HC11L6 Datasheet
10Mb / 172P
   HCMOS MICROCONTROLLER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com