Electronic Components Datasheet Search |
|
MPC850DE Datasheet(PDF) 7 Page - Motorola, Inc |
|
MPC850DE Datasheet(HTML) 7 Page - Motorola, Inc |
7 / 68 page MOTOROLA MPC850 (Rev. A/B/C) Hardware Specifications 7 — The MPC850 can compare using the =, ≠, <, and > conditions to generate watchpoints — Each watchpoint can generate a breakpoint internally • 3.3-V operation with 5-V TTL compatibility on all general purpose I/O pins. Part III Electrical and Thermal Characteristics This section provides the AC and DC electrical specifications and thermal characteristics for the MPC850. Table 2 provides the maximum ratings. This device contains circuitry protecting against damage due to high-static voltage or electrical fields; however, it is advised that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage level (for example, either GND or VCC). Table 3 provides the package thermal characteristics for the MPC850. Table 2. Maximum Ratings (GND = 0V) Rating Symbol Value Unit Supply voltage VDDH -0.3 to 4.0 V VDDL -0.3 to 4.0 V KAPWR -0.3 to 4.0 V VDDSYN -0.3 to 4.0 V Input voltage 1 1 Functional operating conditions are provided with the DC electrical specifications in Table 5. Absolute maximum ratings are stress ratings only; functional operation at the maxima is not guaranteed. Stress beyond those listed may affect device reliability or cause permanent damage to the device. CAUTION: All inputs that tolerate 5 V cannot be more than 2.5 V greater than the supply voltage. This restriction applies to power-up and normal operation (that is, if the MPC850 is unpowered, voltage greater than 2.5 V must not be applied to its inputs). Vin GND-0.3 to VDDH + 2.5 V V Junction temperature 2 2 The MPC850, a high-frequency device in a BGA package, does not provide a guaranteed maximum ambient temperature. Only maximum junction temperature is guaranteed. It is the responsibility of the user to consider power dissipation and thermal management. Junction temperature ratings are the same regardless of frequency rating of the device. Tj 0 to 95 (standard) -40 to 95 (extended) ˚C Storage temperature range Tstg -55 to +150 ˚C |
Similar Part No. - MPC850DE |
|
Similar Description - MPC850DE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |