Electronic Components Datasheet Search |
|
XC6217B082GR Datasheet(PDF) 10 Page - Torex Semiconductor |
|
XC6217B082GR Datasheet(HTML) 10 Page - Torex Semiconductor |
10 / 30 page 10/30 XC6217 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT High Speed Mode (HS), VOUT(T)>2.0V, VGO= VIN, VCE=VIN, IOUT=10mA x 0.98 (*3) x 1.02 (*3) High speed mode (HS), VOUT<1.95V, VGO=VIN, VCE=VIN, IOUT=10mA -0.03 (*3) +0.03 (*3) Power Save Mode (PS), VOUT(T)>2.6V, VGO= VIN, VCE=VIN, IOUT=0.1mA x0.965 (*3) x1.025 (*3) Power Save Mode (PS), 1.6V<VOUT(T) <2.55V, VGO=VSS, VCE=VIN, IOUT=0.1mA x 0.955 (*3) x 1.035 (*3) Output Voltage VOUT(E) (* 2) Power save mode (PS), 0.8V<VOUT(T)<1.55V, VGO=VSS, VCE=VIN, IOUT=0.1mA -0.09 (*3) VOUT(T) (*4) +0.07 (*3) V 1 Output Current IOUTMAX VGO=VIN (HS), VCE=VIN, VIN=VOUT(T)+1.0V, 0.8V<VOUT(T)≦4.0V 200 250 - mA 1 Load Regulation VOUT VGO=VIN (HS), VCE=VIN, 0.1mA≦IOUT≦100mA - 10 40 mV 1 Dropout Voltage (*5) Vdif VGO=VIN (HS), VCE=VIN, IOUT=100mA E-4 mV 1 Supply Current 1 ISS1 VIN=VOUT(T)+1.0V, VGO=VIN (HS), IOUT=0mA - 25 50 μ A 2 Supply Current 2 ISS2 VIN=VOUT(T)+1.0V VGO=VIN (PS), IOUT=0mA - 4.5 8.0 μ A 2 Standby Current ISTBY VIN=6.0V, VCE=VSS - 0.01 0.10 μ A 2 VOUT(T)+0.5V≦VIN≦6.0V : VOUT(T)≧1.1V VGO=VIN (HS), VCE=VIN, IOUT=10mA Line Regulation VOUT VIN・VOUT 1.6V≦VIN≦6.0V : VOUT(T)≦1.05V VGO=VIN (HS), VCE=VIN, IOUT=10mA - 0.01 0.20 %/V 1 0.8V≦VOUT(T)≦1.55V 1.6 - 6.0 Input Voltage VIN 1.6V≦VOUT(T)≦4.0V 1.8 - 6.0 V 1 Output Voltage Temperature Characteristics VOUT Ta・VOUT VGO=VIN (HS), VCE=VIN, IOUT=30mA, -40℃<Ta<85℃ - ± 100 - ppm/℃ 1 VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC : 0.85V≦VOUT(T)≦4.0V VGO=VIN (HS), VCE=VIN IOUT=30mA, f=1kHz Ripple Rejection Rate PSRR VIN=1.85VDC+0.5Vp-pAC, VOUT(T)≦0.8V, VGO=VIN (HS), VCE=VIN, IOUT=30mA, f=1kHz - 70 - dB 3 Limit Current Ilim VGO=VIN (HS), VCE=VIN 200 250 - mA 1 Short Current Ishort VGO=VIN (HS), VCE=VIN VOUT is short-circuited at the VSS level. - 30 - mA 1 ■ ELECTRICAL CHARACTERISTICS Ta=25℃ ● XC6217A/B series |
Similar Part No. - XC6217B082GR |
|
Similar Description - XC6217B082GR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |