Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6217B102GR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6217B102GR
Description  HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217B102GR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6217B102GR Datasheet HTML 1Page - Torex Semiconductor XC6217B102GR Datasheet HTML 2Page - Torex Semiconductor XC6217B102GR Datasheet HTML 3Page - Torex Semiconductor XC6217B102GR Datasheet HTML 4Page - Torex Semiconductor XC6217B102GR Datasheet HTML 5Page - Torex Semiconductor XC6217B102GR Datasheet HTML 6Page - Torex Semiconductor XC6217B102GR Datasheet HTML 7Page - Torex Semiconductor XC6217B102GR Datasheet HTML 8Page - Torex Semiconductor XC6217B102GR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1/30
XC6217 ETR0322_010
XC6217B281MR
2.4
2.45
2.5
2.55
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.5
2.55
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.95
3
IOUT=0.1mA
IOUT=50mA
VOUT_HSmode
VOUT_GOmode
Output Current
Time (500usec/div)
IOUT=0.1mA
VIN=3.8V,Tr=Tf=5usec, Ta=25℃
CIN=CL=1.0uF(Ceramic)
Regulators with Green Operation (GO) Function
Output Voltage Range: 0.8V ~ 4.0V
Output Current: 200mA <Up to 250mA (TYP.)>
Low ESR Capacitor Compatible
High Ripple Rejection, Low Output Noise
CL High-Speed Auto-Discharge (XC6217B/D)
Ultra Small Package: USP-4D
GENERAL DESCRIPTION
The XC6217 series are precise, low noise, high speed, low
dropout regulators with green operation (GO) function. They
are fabricated using Torex’s CMOS process. Performance
features of the series include high ripple rejection and low
dropout voltage, and the series include a reference voltage
source, an error amplifier, a current limiter, and a phase
compensation circuit.
GO provides high speed operation, low power consumption
and high efficiencies by automatically switching between a high
speed mode (HS) and a power save mode (PS) depending
upon the load current level. The switching point of the GO to
the output current is being fixed inside the IC. When only
high-speed operation is required, it can be fixed by inputting a
high level signal to the GO pin, thus providing operating
conditions with the most suitable level of supply current for the
application.
The CE function enables the output to be turned off resulting in
greatly reduced power consumption. In this state, with the
XC6217B/D series, the IC turns on the internal switch located
between the VOUT and VSS pins.
This short enables the
electric charge at the output capacitor (CL) to be discharged via
the internal auto-discharge resistance, and as a result the
VOUT pin quickly returns to the VSS level. The series' output
stabilization capacitor (CL) is also compatible with low ESR
ceramic capacitors.
Output voltage is selectable in 50mV increments within a range
of 0.8V~4.0V, using laser trimming technologies.
The current limiter's foldback circuit also operates as a short
circuit protection for the output current limiter and the output
pin.
APPLICATIONS
Cellular phones
Cordless phones
Wireless communication equipment
Portable games
Cameras, VCRs
Portable AV equipment
PDAs
TYPICAL APPLICATION CIRCUIT
FEATURES
Output Current
: 200mA <Up to 250mA (TYP.)>
Dropout Voltage
: 80mV@ IOUT=100mA,
VOUT(T)=3.0V
Operating Voltage Range : 1.6V ~ 6.0V (0.8V≦VOUT(T)≦1.55V
: 1.8V ~ 6.0V (1.6V≦VOUT(T)≦4.0V
Output Voltage
Setting Range
: 0.8V~4.0V (50mV increments)
Accuracy
: +2% (HS: VOUT >2.0V)
+30mV (HS: VOUT≦1.95V)
+2.5%, -3.5% (PS: VOUT >2.6V)
+3.5%, -4.5% (PS:1.6≦VOUT≦2.55V)
+70mV, -90mV (PS:0.8≦VOUT≦1.55V)
Low Power Consumption : 4.5μA (TYP.) when PS mode
25μA (TYP.) when HS mode
Standby Current
: Less than 0.1μA
High Ripple Rejection
: 70dB @ 1kHz (When HS mode)
Operating Temperature
Range
: -40℃~85℃
Low ESR Capacitor
: 1.0μF Ceramic capacitor
compatible
Ultra Small Packages
: USP-4D, SOT-25,
CIN
1uF
(Ceramic)
Input
Input
CL
1uF
(Ceramic)
VOUT
VIN
CE
GO
VSS
TYPICAL PERFORMANCE
CHARACTERISTICS


Similar Part No. - XC6217B102GR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217B0817R-G TOREX-XC6217B0817R-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217B081GR TOREX-XC6217B081GR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217B081GR-G TOREX-XC6217B081GR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217B081MR TOREX-XC6217B081MR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217B081MR-G TOREX-XC6217B081MR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6217B102GR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A182MR-G TOREX-XC6217A182MR-G Datasheet
556Kb / 32P
   200mA High Speed "Green Operation" LDO Voltage Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com