Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3930 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3930
Description  Automotive 3-Phase BLDC Controller and MOSFET Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3930 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3930 Datasheet HTML 1Page - Allegro MicroSystems A3930 Datasheet HTML 2Page - Allegro MicroSystems A3930 Datasheet HTML 3Page - Allegro MicroSystems A3930 Datasheet HTML 4Page - Allegro MicroSystems A3930 Datasheet HTML 5Page - Allegro MicroSystems A3930 Datasheet HTML 6Page - Allegro MicroSystems A3930 Datasheet HTML 7Page - Allegro MicroSystems A3930 Datasheet HTML 8Page - Allegro MicroSystems A3930 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Automotive 3-Phase BLDC Controller
and MOSFET Driver
A3930 and
A3931
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS at TJ = –40°C to 150°C, VBB = 7 to 45 V, unless otherwise noted1
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply and Reference
VBB Functional Operating Range6
VBB
Function correct, parameters not
guaranteed
5.5
50
V
VBB Quiescent Current
IBBQ
RESET = High, outputs = Low
11
14
mA
IBBS
RESET = Low, sleep mode
10
μA
V5 Quiescent Current
IV5Q
RESET = High, outputs = Low
5
mA
VREG Output Voltage
VREG
VBB ≥ 7.4 V, IREG = 0 to 15 mA
12.10
13
13.75
V
6 V < VBB < 7.4 V
IREG = 0 to 15 mA
2 × VBB
–2.7
––
V
5.5 V < VBB < 6 V, IREG < 10 mA
9
10
V
Bootstrap Diode Forward Voltage
VfBOOT
ID = 10 mA
0.4
0.7
1.0
V
ID = 100 mA
1.5
2.2
2.8
V
Bootstrap Diode Resistance
rD
rD(100 mA)=(VfBOOT(150 mA)
VfBOOT(50mA)) /100 mA
610
20
Ω
Bootstrap Diode Current Limit
IDBOOT
250
500
750
mA
Top-off Charge Pump Current Limit
ITOCPM
200
μA
High-Side Gate Drive Static Load
Resistance
RGSH
250
V5 Output Voltage
V5
4.75
5
5.25
V
VBE of External Transistor QV5
VBEEXT
––
1
V
V5BD Base Drive Capability for QV52
I5BD
–2
mA
Gate Output Drive
Turn-On Rise Time
tr
CLOAD = 3300 pF, 20% to 80% points
60
ns
Turn-Off Fall Time
tf
CLOAD = 3300 pF, 80% to 20% points
40
ns
Pull-Up On Resistance
RDS(on)UP
TJ = 25C, IGHx= –150 mA
3
4
5
Ω
TJ = 150C, IGHx= –150 mA
4.6
5.6
6.6
Ω
Pull-Down On Resistance
RDS(on)DN
TJ = 25C, IGLx=150 mA
1
1.5
2
Ω
TJ = 150C, IGLx=150 mA
1.5
2.3
3
Ω
Short-Circuit Current – Source2
ISC(source)
TJ = 25C
–500
mA
Short-Circuit Current – Sink
ISC(sink)
TJ = 25C
850
mA
GHx Output Voltage
VGHx
tw < 10 μs
Bootstrap capacitor fully charged
VCx– 0.2
V
GLx Output Voltage
VGLx
VREG
0.2
––
V
Continued on the next page...


Similar Part No. - A3930

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
logo
3M Electronics
A3930-0000T 3M-A3930-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3930-0010T 3M-A3930-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3930-2000T 3M-A3930-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3930-2010T 3M-A3930-2010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
More results

Similar Description - A3930

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3930 ALLEGRO-A3930 Datasheet
382Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
A3930 ALLEGRO-A3930_16 Datasheet
380Kb / 21P
   Automotive 3-Phase BLDC Controller and MOSFET Driver
AMT49413 ALLEGRO-AMT49413 Datasheet
626Kb / 21P
   3-Phase BLDC Controller and MOSFET Driver
logo
Melexis Microelectronic...
MLX83203-2 MELEXIS-MLX83203-2 Datasheet
2Mb / 42P
   Automotive 3-Phase BLDC Pre-Driver
logo
Infineon Technologies A...
IMD70XA INFINEON-IMD70XA Datasheet
8Mb / 155P
   BLDC Integrated Controller and Smart 3 Phase Gate Driver
Revision v1.00 2022-04-11
logo
Melexis Microelectronic...
MLX83203 MELEXIS-MLX83203_16 Datasheet
2Mb / 42P
   MLX83203-MLX83202 Automotive 3-Phase BLDC Pre-Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com