Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2855BDW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC2855BDW
Description  High Performance Power Factor Preregulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2855BDW Datasheet(HTML) 3 Page - Texas Instruments

  UC2855BDW Datasheet HTML 1Page - Texas Instruments UC2855BDW Datasheet HTML 2Page - Texas Instruments UC2855BDW Datasheet HTML 3Page - Texas Instruments UC2855BDW Datasheet HTML 4Page - Texas Instruments UC2855BDW Datasheet HTML 5Page - Texas Instruments UC2855BDW Datasheet HTML 6Page - Texas Instruments UC2855BDW Datasheet HTML 7Page - Texas Instruments UC2855BDW Datasheet HTML 8Page - Texas Instruments UC2855BDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
UC2855A/B
UC3855A/B
ELECTRICAL CHARACTERISTICS:Unless otherwise specified: VCC = 18V, RT = 15k, RVS = 23k, CT = 470pF, CI =
150pF, VRMS = 1.5V, IAC = 100
µA, ISENSE = 0V, CAOUT = 4V, VAOUT= 3.5V, VSENSE = 3V. –40°C to 85°C (UC2855A/B), 0°C
to 70
°C (UC3855A/B).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Current Amplifier
Input Offset Voltage
VCM = − 2.5V
−44
mV
Input Bias Current (Sense)
VCM = 2.5V
−500
500
nA
Open Loop Gain
VCM = 2.5V, VOUT =2to6V
80
110
dB
VOUT High
ILOAD = −500µA6
V
VOUT Low
ILOAD = 500µA
0.3
0.5
V
Output Short Circuit Current
VOUT =0V
1
3
mA
Common Mode Range
−0.3
5
V
Gain Bandwidth Product
FIN = 100kHz, 10mV, P–P, TA = 25°C
2.5
5
MHz
Reference
Output Voltage
IREF = 0mA, TA = 25°C
7.388
7.5
7.613
V
IREF = 0mA
7.313
7.5
7.688
V
Load Regulation
IREF =1to10mA
−15
15
mV
Line Regulation
VCC = 15 to 35V
−10
10
mV
Short Circuit Current
REF = 0V
20
45
65
mA
Oscillator
Initial Accuracy
TA =25°C
170
200
230
kHz
Voltage Stability
VCC =12to18V
1
%
Total Variation
Line, Temp.
160
240
kHz
Ramp Amplitude (P–P)
Outputs at 0% duty cycle
4.7
5.7
V
Ramp Valley Voltage
1.1
1.6
V
Enable/OVP/Current Limit
Enable Threshold
1.8
2.2
V
OVP Threshold
7.5
7.66
V
OVP Hysteresis
200
400
600
mV
OVP Propagation Delay
200
ns
OVP Input Bias Current
V= 7.5V
1
10
µA
PKLIMIT Threshold
1.25
1.5
1.75
V
PKLIMIT Input Current
VPKLIMIT = 1.5V
100
µA
PKLIMIT Prop. Delay
100
ns
Multiplier
Output Current - IAC Limited
IAC = 100
µA, VRMS = 1V
−235
−205
−175
µA
Output Current - Zero
IAC = 0
µA
−2
−0.2
2
µA
Output Current - Power Limited
VRMS = 1.5V, VAOUT = 5.5V
−250
−209
−160
µA
Output Current
VRMS = 1.5V, VAOUT = 2V
−26
µA
VRMS = 1.5V VAOUT = 5V
−190
µA
VRMS = 5V, VAOUT = 2V
−3
µA
VRMS = 5V, VAOUT = 5V
−17
µA
Gain Constant
Refer to Note 1
−0.95 −0.85 −0.75
1/V
Gate Driver Output
Output High Voltage
lOUT = −200mA, VCC = 15V
12
12.8
V
Output Low Voltage
lOUT = 200mA
1
2.2
V
Output Low Voltage
lOUT = 10mA
300
500
mV
Output Low (UVLO)
lOUT = 50mA, VCC = 0V
0.9
1.5
V
Output RISE/FALL Time
CLOAD = 1nF
35
ns
Output Peak Current
CLOAD = 10nF
1.5
A


Similar Part No. - UC2855BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2855BDW TI1-UC2855BDW Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2855BDWG4 TI1-UC2855BDWG4 Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2855BDWTR TI1-UC2855BDWTR Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2855BDWTR/81363G4 TI1-UC2855BDWTR/81363G4 Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2855BDWTRG4 TI1-UC2855BDWTRG4 Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
More results

Similar Description - UC2855BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3855ADWG4 TI1-UC3855ADWG4 Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com