Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3855BN Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UC3855BN
Description  High Performance Power Factor Preregulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3855BN Datasheet(HTML) 9 Page - Texas Instruments

Back Button UC3855BN Datasheet HTML 4Page - Texas Instruments UC3855BN Datasheet HTML 5Page - Texas Instruments UC3855BN Datasheet HTML 6Page - Texas Instruments UC3855BN Datasheet HTML 7Page - Texas Instruments UC3855BN Datasheet HTML 8Page - Texas Instruments UC3855BN Datasheet HTML 9Page - Texas Instruments UC3855BN Datasheet HTML 10Page - Texas Instruments UC3855BN Datasheet HTML 11Page - Texas Instruments UC3855BN Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UC2855ADW
ACTIVE
SOIC
DW
20
25
None
CU SNPB
Level-2-220C-1 YEAR
UC2855ADWTR
ACTIVE
SOIC
DW
20
2000
None
CU SNPB
Level-2-220C-1 YEAR
UC2855AN
ACTIVE
PDIP
N
20
20
None
CU SNPB
Level-NA-NA-NA
UC2855BDW
ACTIVE
SOIC
DW
20
25
None
CU SNPB
Level-2-220C-1 YEAR
UC2855BDWG4
ACTIVE
SOIC
DW
20
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
UC2855BDWTR
ACTIVE
SOIC
DW
20
2000
None
CU SNPB
Level-2-220C-1 YEAR
UC2855BN
ACTIVE
PDIP
N
20
20
None
CU SNPB
Level-NA-NA-NA
UC3855ADW
ACTIVE
SOIC
DW
20
25
None
CU SNPB
Level-2-220C-1 YEAR
UC3855ADWTR
ACTIVE
SOIC
DW
20
2000
None
CU SNPB
Level-2-220C-1 YEAR
UC3855AN
ACTIVE
PDIP
N
20
20
None
CU SNPB
Level-NA-NA-NA
UC3855BDW
ACTIVE
SOIC
DW
20
25
None
CU SNPB
Level-2-220C-1 YEAR
UC3855BDWTR
ACTIVE
SOIC
DW
20
2000
None
CU SNPB
Level-2-220C-1 YEAR
UC3855BN
ACTIVE
PDIP
N
20
20
None
CU SNPB
Level-NA-NA-NA
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
4-Mar-2005
Addendum-Page 1


Similar Part No. - UC3855BN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3855BN TI1-UC3855BN Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
UC3855BNG4 TI1-UC3855BNG4 Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
More results

Similar Description - UC3855BN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3855ADWG4 TI1-UC3855ADWG4 Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com