Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5531 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FA5531
Description  Quasi-Resonant IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FA5531 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FA5531 Datasheet HTML 1Page - List of Unclassifed Manufacturers FA5531 Datasheet HTML 2Page - List of Unclassifed Manufacturers FA5531 Datasheet HTML 3Page - List of Unclassifed Manufacturers FA5531 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Quasi-Resonant IC FA5530/31/32
Valley
Switching Frequency vs. Output Power
Timing Chart ( FA5531/32 )
Timing Chart ( FA5531/32 )
Po
fsw
Max fsw
(130kHz)
(1kHz)
Vds
最大
fsw
Valley
信号
130kHz
130kHz
最大fsw低下
(最小1kHz)
OUT
パルス
重負荷
中負荷
軽負荷
Example:
1kHz
Maximum Frequency :
65kHz or 130kHz
Output Power Po
Maximum
Frequency
Vds
Valley
Signal
OUT pin
voltage
Heavy
Load
Light
Load
Middle
Load
1/130kHz
1/130kHz
Maximum Period
is 1 / (Minimum
Frequency).
Example :1kHz
Low frequency switching such as 1kHz
at light load reduces standby power.
Maximum frequency limits EMI noise and switching Loss.
Switching at Valley of Vds : Turn-ON Loss and Noise are very small.
Low dV/dt of Vds at Turn-OFF by a capacitor connected between Drain and Source
of Power MOSFET : Turn-OFF Loss and Noise are also very small.
Valley
Low dV/dt slope of Drain Voltage “Vds”
Switching Frequency vs. Output Power


Similar Part No. - FA5531

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5531 FUJI-FA5531 Datasheet
209Kb / 2P
   Low Standby Power Quasi-Resonant Controller
More results

Similar Description - FA5531

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
   Automotive Quasi-Resonant Flyback Control IC
logo
Rohm
BM1Q104FJ ROHM-BM1Q104FJ Datasheet
1Mb / 29P
   Quasi-Resonant Control DC/DC converter IC
5. Jun. 2017 Rev.002
logo
Infineon Technologies A...
ICE2QR2280G-1 INFINEON-ICE2QR2280G-1 Datasheet
1Mb / 27P
   Quasi resonant operation
V2.2 2014-07-10
ICE5QSAG INFINEON-ICE5QSAG Datasheet
1Mb / 27P
   Quasi-Resonant Controller
V 2.1 2020-02-03
logo
Monolithic Power System...
HFC0100 MPS-HFC0100 Datasheet
290Kb / 15P
   QUASI RESONANT CONTROLLER
EVHFC0100HS-00A MPS-EVHFC0100HS-00A Datasheet
241Kb / 6P
   Quasi Resonant Controller
logo
Rohm
BM1Q011FJ ROHM-BM1Q011FJ Datasheet
1Mb / 30P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q00XFJ ROHM-BM1Q00XFJ Datasheet
1Mb / 29P
   Quasi-Resonant Control type DC/DC Converter IC
BM1Q021FJ ROHM-BM1Q021FJ Datasheet
1Mb / 31P
   Quasi-Resonant Control type
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com