Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT163TEB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT54FCT163TEB
Description  FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT163TEB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT54FCT163TEB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT163TEB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT163TEB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT163TEB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT163TEB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT163TEB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT163TEB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
IDT54/74FCT163T/AT/CT
FASTCMOSSYNCHRONOUSPRESETTABLEBINARYCOUNTER
MILITARYANDINDUSTRIALTEMPERATURERANGES
CORPORATE HEADQUARTERS
for SALES:
2975 Stender Way
800-345-7015 or 408-727-6116
Santa Clara, CA 95054
fax: 408-492-8674
www.idt.com*
*To search for sales office near you, please click the sales button found on our home page or dial the 800# above and press 2.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
ORDERING INFORMATION
IDT
XX
Temp. Range
XX XX
Device Type
XX
Package
X
Process
SO
Q
Industrial Options
Small O utline IC (SO16-1)
Quarter-size Small O utline Package (SO16-7)
Synchronous Presettable Binary Counter
54
74
– 55°C to +125°C
– 40°C to +85°C
D
E
L
M ilitary Options
CERDIP (D16-1)
CERPACK (E16-1)
Leadless Chip Carrier (L20-2)
Blank
B
Industrial
M IL-STD-883, Class B
FCT
163T
163AT
163CT


Similar Part No. - IDT54FCT163TEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT163TEB IDT-IDT54FCT163TEB Datasheet
94Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
More results

Similar Description - IDT54FCT163TEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT161AT IDT-IDT74FCT161AT Datasheet
70Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com