Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB06-600TWRG Datasheet(PDF) 6 Page - STMicroelectronics

Part # BTB06-600TWRG
Description  6A TRIACS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB06-600TWRG Datasheet(HTML) 6 Page - STMicroelectronics

  BTB06-600TWRG Datasheet HTML 1Page - STMicroelectronics BTB06-600TWRG Datasheet HTML 2Page - STMicroelectronics BTB06-600TWRG Datasheet HTML 3Page - STMicroelectronics BTB06-600TWRG Datasheet HTML 4Page - STMicroelectronics BTB06-600TWRG Datasheet HTML 5Page - STMicroelectronics BTB06-600TWRG Datasheet HTML 6Page - STMicroelectronics BTB06-600TWRG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BTA06 and BTB06 Series
6/7
Figure 12: TO-220AB (insulated and non insulated) Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK® packages. These
packages have a Lead-free second level interconnect . The category of second level interconnect is
marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The
maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an
ST trademark. ECOPACK specifications are available at: www.st.com.
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l3
l2
c1
M
Table 8: Ordering Information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
BTA/BTB06-xxxyzRG
BTA/BTB06-xxxyz
TO-220AB
2.3 g
50
Tube
Note: xxx = voltage, yy = sensitivity, z = type
Table 9: Revision History
Date
Revision
Description of Changes
Apr-2002
5A
Last update.
13-Feb-2006
6
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
ØI
3.75
3.85
0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M
2.60
0.102


Similar Part No. - BTB06-600TWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB06-600TWRG STMICROELECTRONICS-BTB06-600TWRG Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
More results

Similar Description - BTB06-600TWRG

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
   6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
   6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
   6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
   6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06A UTC-BTB06A Datasheet
162Kb / 4P
   6A TRIACS
BTA06 UTC-BTA06 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
   6A TRIACS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com