Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT163TLB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT54FCT163TLB
Description  FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT163TLB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT54FCT163TLB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT163TLB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT163TLB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT163TLB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT163TLB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT163TLB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT163TLB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IDT54/74FCT163T/AT/CT
FASTCMOSSYNCHRONOUSPRESETTABLEBINARYCOUNTER
MILITARYANDINDUSTRIALTEMPERATURERANGES
NOTES:
1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This limit is guaranteed but not tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FCT163T
FCT163AT
FCT163CT
Ind.
Mil.
Ind.
Mil.
Ind.
Mil.
Symbol
Parameter
Condition(1)
Min. (2) Max. Min. (2) Max. Min. (2) Max. Min. (2) Max. Min. (2) Max. Min. (2) Max.
Unit
tPLH
tPHL
Propagation Delay
CP to Qn (
PE input HIGH)
CL = 50pF
RL = 500
2
11
2
11.5
2
7.2
2
7.5
2
5.8
2
6.3
ns
tPLH
tPHL
Propagation Delay
CP to Qn (
PE input LOW)
2
9.5
2
10
2
6.2
2
6.5
2
5.8
2
6.3
ns
tPLH
tPHL
Propagation Delay
CP to TC
2
15
2
16.5
2
9.8
2
10.8
2
7.4
2
8.3
ns
tPLH
tPHL
Propagation Delay
CET to TC
1.5
8.5
1.5
9
1.5
5.5
1.5
5.9
1.5
5.2
1.5
5.6
ns
tSU
Set-up Time HIGH or LOW
Pn to CP
5
5.5
4
4.5
4
4.5
ns
tH
Hold Time HIGH or LOW
Pn to CP
1.5
2
1.5
2
1.5
2
ns
tSU
Set-up Time HIGH or LOW
PE or SR to CP
11.5
13.5
9.5
11.5
9.5
11.5
ns
tH
Hold Time HIGH or LOW
PE or SR to CP
1.5
1.5
1.5
1.5
1.5
1.5
ns
tSU
Set-up Time HIGH or LOW
CEP ir CET to CP
11.5
13
9.5
11
9.5
11
ns
tH
Hold Time HIGH or LOW
CEP ir CET to CP
0—
0
0
0
0
0
ns
tW
CP Pulse Width (load)
HIGH or LOW
5—
5
4 (3)
4 (3)
4 (3)
4 (3)
—ns
tW
CP Pulse Width (count)
HIGH or LOW
7—
8
6
7
6
7
ns


Similar Part No. - IDT54FCT163TLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT163TLB IDT-IDT54FCT163TLB Datasheet
94Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTERS
More results

Similar Description - IDT54FCT163TLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT161AT IDT-IDT74FCT161AT Datasheet
70Kb / 7P
   FAST CMOS SYNCHRONOUS PRESETTABLE BINARY COUNTER
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com