Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6217D081GR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6217D081GR
Description  HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217D081GR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6217D081GR Datasheet HTML 2Page - Torex Semiconductor XC6217D081GR Datasheet HTML 3Page - Torex Semiconductor XC6217D081GR Datasheet HTML 4Page - Torex Semiconductor XC6217D081GR Datasheet HTML 5Page - Torex Semiconductor XC6217D081GR Datasheet HTML 6Page - Torex Semiconductor XC6217D081GR Datasheet HTML 7Page - Torex Semiconductor XC6217D081GR Datasheet HTML 8Page - Torex Semiconductor XC6217D081GR Datasheet HTML 9Page - Torex Semiconductor XC6217D081GR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6/30
XC6217 Series
Represents product series
Represents type of regulators
Represents type of regulators
Represents output voltage
MARK
PRODUCT SERIES
1
XC6217xxxxxx
MARK
OUTPUT VOLTAGE
100mV INCREMENTS
OUTPUT VOLTAGE
50mV INCREMENTS
0.8V~3.0V
3.1V~4.0V
0.85V~3.05V
3.15V~3.95V
PRODUCT SERIES
V
A
E
L
XC6217Axxxxx
X
B
F
M
XC6217Bxxxxx
MARK
OUTPUT VOLTAGE (V)
MARK
OUTPUT VOLTAGE (V)
0
-
3.1
-
3.15
F
1.6
-
1.65
-
1
-
3.2
-
3.25
H
1.7
-
1.75
-
2
-
3.3
-
3.35
K
1.8
-
1.85
-
3
-
3.4
-
3.45
L
1.9
-
1.95
-
4
-
3.5
-
3.55
M
2.0
-
2.05
-
5
-
3.6
-
3.65
N
2.1
-
2.15
-
6
-
3.7
-
3.75
P
2.2
-
2.25
-
7
0.8
3.8
0.85
3.85
R
2.3
-
2.35
-
8
0.9
3.9
0.95
3.95
S
2.4
-
2.45
-
9
1.0
4.0
1.05
-
T
2.5
-
2.55
-
A
1.1
-
1.15
-
U
2.6
-
2.65
-
B
1.2
-
1.25
-
V
2.7
-
2.75
-
C
1.3
-
1.35
-
X
2.8
-
2.85
-
D
1.4
-
1.45
-
Y
2.9
-
2.95
-
E
1.5
-
1.55
-
Z
3.0
-
3.05
-
MARKING RULE
SOT-25
④⑤
Represents production lot number
01 to 09, 10 to 99, 0A~ 0Z, 1A in order. (G, I, J, O, Q, W excepted)
Note: No character inversion used.
SOT-25
(TOP VIEW)


Similar Part No. - XC6217D081GR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217D081GR TOREX-XC6217D081GR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217D081GR-G TOREX-XC6217D081GR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6217D081GR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A182MR-G TOREX-XC6217A182MR-G Datasheet
556Kb / 32P
   200mA High Speed "Green Operation" LDO Voltage Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com