Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF832M-GMCAVXX Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # MF832M-GMCAVXX
Description  8/16-bit Data Bus Flash Memory Card
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF832M-GMCAVXX Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button MF832M-GMCAVXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF832M-GMCAVXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF832M-GMCAVXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF832M-GMCAVXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF832M-GMCAVXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF832M-GMCAVXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF832M-GMCAVXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF832M-GMCAVXX Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF832M-GMCAVXX Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MITSUBISHI MEMORY CARD
FLASH MEMORY CARDS
MITSUBISHI
ELECTRIC
7/22
Feb.1999 Rev2.0
MEMORY ZONE AND BLOCK
8 bit mode
16 bit mode
0000001h
001FFFFh
0020001h
003FFFFh
0300001h
03FFFFFh
Block31
Block0
Block1
.
.
.
.
.
.
Zone0
Zone2
Zone4
Zone6
Zone8
Zone10
Zone12
Zone14
0000000h
03FFFFEh
0400000h
07FFFFEh
0800000h
0BFFFFEh
0C00000h
0FFFFFEh
1000000h
13FFFFEh
1400000h
17FFFFEh
1800000h
1BFFFFEh
1C00000h
1FFFFFEh
Zone1
Zone3
Zone5
Zone7
Zone9
Zone11
Zone13
Zone15
0000001h
03FFFFFh
0400001h
07FFFFFh
0800001h
0BFFFFFh
0C00001h
0FFFFFFh
1000001h
13FFFFFh
1400001h
17FFFFFh
1800001h
1BFFFFFh
1C00001h
1FFFFFFh
Even byte
Odd byte
2MB; 1 zone=64KB
∗16 blocks
Others; 1 zone=64KB
∗32 blocks
Note 5 : 2MB;1 zone=0h to 1FFFFFh address
Others;1 zone=0h to 3FFFFFh address
Zone 2 to 15 do not exist in 2MB
Zone 2 to 15 do not exist in 4MB
Zone 4 to 15 do not exist in 8MB
Zone 8 to 15 do not exist in 16MB
Zone 10 to 15 do not exist in 20MB
Note 6 : 2MB;1 zone=0h to 1FFFFFh address
Others;1 zone=0h to 3FFFFFh address
Zone 1 to 7 do not exist in 2MB
Zone 1 to 7 do not exist in 4MB
Zone 2 to 7 do not exist in 8MB
Zone 4 to 7do not exist in 16MB
Zone 5 to 7 do not exist in 20MB
Odd byte
0000000h
001FFFFh
0020000h
003FFFFh
0300000h
03FFFFFh
Block31
Block0
Block1
.
.
.
.
.
.
Zone0
Zone1
Zone2
Zone3
Zone4
Zone5
Zone6
Zone7
0000000h
03FFFFFh
0400000h
07FFFFFh
0800000h
0BFFFFFh
0C00000h
0FFFFFFh
1000000h
13FFFFFh
1400000h
17FFFFFh
1800000h
1BFFFFFh
1C00000h
1FFFFFFh
Even byte
2MB; 1 zone=64KW
∗16 blocks
Others; 1 zone=64KW
∗32 blocks


Similar Part No. - MF832M-GMCAVXX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF8 NSC-MF8 Datasheet
383Kb / 24P
   4th-Order Switched Capacitor Bandpass Filter
logo
List of Unclassifed Man...
MF80A00B1-1000U-A99 ETC-MF80A00B1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00O1-1000U-A99 ETC-MF80A00O1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00S1-1000U-A99 ETC-MF80A00S1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00V1-1000U-A99 ETC-MF80A00V1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
More results

Similar Description - MF832M-GMCAVXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF007M5-03ATXX MITSUBISHI-MF007M5-03ATXX Datasheet
841Kb / 29P
   8/16-bit Data Bus Flash ATA PC Card
MF0064M-07BTXX MITSUBISHI-MF0064M-07BTXX Datasheet
222Kb / 31P
   8/16-bit Data Bus Flash ATA PC Card
MF0064M-07ATXX MITSUBISHI-MF0064M-07ATXX Datasheet
211Kb / 32P
   8/16-bit Data Bus Flash ATA PC Card
MF0032M-11ATXX MITSUBISHI-MF0032M-11ATXX Datasheet
584Kb / 32P
   8/16-bit Data Bus Flash ATA PC Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-LYCATXX MITSUBISHI-MF365A-LYCATXX Datasheet
101Kb / 14P
   8/16-bit Data Bus Static RAM Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com