Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6280EESTR-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A6280EESTR-T
Description  3 Bit Constant Current LED Driver with PWM Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6280EESTR-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A6280EESTR-T Datasheet HTML 3Page - Allegro MicroSystems A6280EESTR-T Datasheet HTML 4Page - Allegro MicroSystems A6280EESTR-T Datasheet HTML 5Page - Allegro MicroSystems A6280EESTR-T Datasheet HTML 6Page - Allegro MicroSystems A6280EESTR-T Datasheet HTML 7Page - Allegro MicroSystems A6280EESTR-T Datasheet HTML 8Page - Allegro MicroSystems A6280EESTR-T Datasheet HTML 9Page - Allegro MicroSystems A6280EESTR-T Datasheet HTML 10Page - Allegro MicroSystems A6280EESTR-T Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3 Bit Constant Current LED Driver with PWM Control
A6280
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Dot Correction Control
The A6280 can further control the maximum output current for
each output by setting the three 7 bit dot correction registers with
scale data that ranges from 36.5% to 100% of the overall maxi-
mum output current that is set by the REXT resistor. This feature
is useful because not every type of LED (red, green, or blue, for
example) has the same level of brightness or intensity for any
given current, and the brightness could be different even from
LED to LED of the same type. By scaling the output currents so
that all the LEDs have matched intensities, the application will
have full color depth when using the PWM counters. The dot
correction current can be calculated by the following equation:
IOn = IOn(max)×(Scalen / 2 + 36.5)
Refer to figure 6 for the bit configurations for the scalar registers.
The dot correction data in the shift registers is latched on a rising
edge of the Latch In (LI) pin. The latched dot correction data
remains latched on a rising OEI signal. The default output cur-
rent when the A6280 is powered up or recovers from a UVLO is
36.5% of the current set by the REXT resistor.
Package Power Dissipation
The maximum allowable package power dissipation is deter-
mined as:
PD(max) = (150 – TA)/RθJA .
The actual package power dissipation is:
PD(act) = DC0×VDS0×IOUT0
+ DC1×VDS1×IOUT1
+ DC2×VDS2×IOUT2 + VIN×IIN .
When calculating power dissipation, the total number of avail-
able device outputs is usually used for the worst-case situation
(i.e., displaying all 3 LEDs at 100% DC).
Thermal Shutdown (TSD)
When the junction temperature of the A6280 reaches the thermal
shutdown temperature threshold, TJTSD (165°C typical), the
outputs will shut off until the junction temperature cools down
below the recovery threshold, –TJTSD –∆TJ ( 15°C typical). The
shift registers and output latches will remain active during the
TSD event. Therefore there is no need to reset the data in the
output latches.
Undervoltage Lockout
The A6280 includes an internal undervoltage lockout (UVLO)
circuit that disables the driver outputs in the event of the logic
supply voltage dropping below a minimum acceptable level.
This prevents the display of erroneous information, a necessary
function for some critical applications. The shift registers will
not shift any data in a UVLO condition. Upon recovery of the
logic supply voltage and on power up, all internal shift registers
and latches will be set to zero.
Ballast Resistors
The voltage on the outputs should be kept in the range 1 to 3 V.
If the voltage goes below 1V, the current will begin to rolloff
as the driver runs out of headroom. At VO above 3 V, the power
dissipation may become a problem, as each output contributes
VO×ILED of power loss in the output sink driver. Typically the
power supply nominal voltage is chosen to keep the output volt-
age in this range. Alternatively, series resistors can be added to
dissipate the extra power and keep the output voltage within the
recommended range.
Bits
0 1 2 3 4 5 6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
29 30
PWM Counter 0
PWM Counter 1
PWM Counter 2
0
Dot Correction
Register 0
Clock
Divider
0
Dot Correction
Register 1
000
Dot Correction
Register 2
0 ATB* ATB* 1
*Allegro Test Bit (ATB). Reserved for Allegro internal testing. Always set to zero (0) in the application.
Figure 6. Register Configuration


Similar Part No. - A6280EESTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
   3-Channel Constant-Current LED Driver with Programmable PWM Control
More results

Similar Description - A6280EESTR-T

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
logo
Allegro MicroSystems
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
   3-Channel Constant-Current LED Driver with Programmable PWM Control
A6281EESTR-T ALLEGRO-A6281EESTR-T Datasheet
263Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
Texas Instruments
TLC5973D TI1-TLC5973D Datasheet
360Kb / 27P
[Old version datasheet]   3-Channel, 12-Bit, PWM Constant-Current LED Driver
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com