Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG508ADY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG508ADY
Description  Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG508ADY Datasheet(HTML) 4 Page - Vishay Siliconix

  DG508ADY Datasheet HTML 1Page - Vishay Siliconix DG508ADY Datasheet HTML 2Page - Vishay Siliconix DG508ADY Datasheet HTML 3Page - Vishay Siliconix DG508ADY Datasheet HTML 4Page - Vishay Siliconix DG508ADY Datasheet HTML 5Page - Vishay Siliconix DG508ADY Datasheet HTML 6Page - Vishay Siliconix DG508ADY Datasheet HTML 7Page - Vishay Siliconix DG508ADY Datasheet HTML 8Page - Vishay Siliconix DG508ADY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DG508A_MIL/509A_MIL
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-4
Document Number: 70067
S-00405—Rev. C, 21-Feb-00
SPECIFICATIONSa
P
Sb l
Test Conditions
Unless Otherwise Specified
T
b
A Suffix
–55 to 125
_C
Ui
Parameter
Symbol
V+ = 15 V, V– = –15 V
VIN = 2.4 V, 0.8 Vf
Tempb
Mind
Typc
Maxd Unit
Power Supplies
Positive Supply Current
I+
VEN = 0 V or 2.4 V
Room
1.3
2.4
mA
Negative Supply Current
I–
VEN = 0 V or 2.4 V
Room
–1.5
–0.7
mA
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
500
–20
–10
0
10
20
400
300
200
100
0
2.5
2.0
1.5
1.0
0.5
0
Input Switching Threshold vs. V+ and V–
Supply Voltages
500
16
–15
–15
–10
–5
0
5
10
15
14
12
10
8
6
4
2
0
450
400
350
300
250
200
150
100
50
0
–10
–5
0
5
10
15
rDS(on) vs. VD and Power Supply
rDS(on) vs. VD and Temperature
Charge Injection vs. Analog Voltage (VS)
V+, V– Positive and Negative Supplies (V)
VD – Drain Voltage (V)
”5
”10
”15
”20
V+ = 15 V
V– = –15 V
V+ = 15 V
V– = –15 V
–15
–5
5
15
"5 V
"7.5 V
"10 V
"15 V
"20 V
125
_C
25
_C
–55
_C
VD – Drain Voltage (V)
VS – Source Voltage (V)


Similar Part No. - DG508ADY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG508ADY MAXIM-DG508ADY Datasheet
1Mb / 11P
   Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
DG508ADY MAXIM-DG508ADY Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
More results

Similar Description - DG508ADY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG506A-MIL VISHAY-DG506A-MIL Datasheet
93Kb / 8P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Rev. D, 21-Feb-00
DG506AMIL VISHAY-DG506AMIL Datasheet
142Kb / 9P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
Rev. D, 21-Feb-00
DG506A_MIL VISHAY-DG506A_MIL_V01 Datasheet
142Kb / 9P
   Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
18-Jul-08
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com