Selected language     English  ▼


ULN200XA Datasheet(PDF) 6 Page - STMicroelectronics

Part No. ULN200XA
Description  Seven darlington array
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 6 page
background image
Electrical characteristics
ULN200XA/XD1
6/14
4
Electrical characteristics
Table 3.
Electrical characteristics
(TA = 25°C unless otherwise specified).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
ICEX
Output leakage current
VCE = 50V, (Figure 3.)50
µA
TA = 70°C, VCE= 50V (Figure 3.)100
TA = 70°C for ULN2002, VCE= 50V,
VI = 6V (Figure 4.)
500
TA = 70°C for ULN2002, VCE= 50V,
VI = 1V (Figure 4.)
500
VCE(SAT)
Collector-emitter saturation
voltage (
Figure 5.)
IC = 100mA, IB = 250µA
0.9
1.1
V
IC = 200mA, IB= 350µA
1.1
1.3
IC = 350mA, IB= 500µA
1.3
1.6
II(ON)
Input current (
Figure 6.)
for ULN2002, VI = 17V
0.82
1.25
mA
for ULN2003, VI = 3.85V
0.93
1.35
for ULN2004, VI = 5V
0.35
0.5
VI = 12V
1
1.45
II(OFF)
Input current (
Figure 7.)TA = 70°C, IC = 500µA
50
65
µA
VI(ON)
Input voltage (
Figure 8.)
VCE= 2V, for ULN2002
IC = 300mA
for ULN2003
IC = 200mA
IC = 250mA
IC = 300mA
for ULN2004
IC = 125mA
IC = 200mA
IC = 275mA
IC = 350mA
13
2.4
2.7
3
5
6
7
8
V
hFE
DC Forward current gain
(
Figure 5.)
for ULN2001, VCE = 2V,
IC = 350mA
1000
CI
Input capacitance
15
25
pF
tPLH
Turn-on delay time
0.5 VI to 0.5VO
0.25
1
µs
tPHL
Turn-off delay time
0.5 VI to 0.5VO
0.25
1
µs
IR
Clamp diode leakage current
(
Figure 9.)
VR = 50V
50
µA
TA = 70°C, VR = 50V
100
VF
Clamp diode forward voltage
(
Figure 10.)
IF = 350mA
1.7
2
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SLA9000FHigh speed high integration gate array 1 2 Epson Company
IS725HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR 1 2 3 ISOCOM COMPONENTS
LDQ-M282RI0.28 inch FOUR DIGT SEVEN SEGMENT DISPLAY GREEN GRAY FACE WITH MILKY WHITE DIFFUSED SEGMENTS 1 List of Unclassifed Manufacturers
ADG2128IC CMOS 8 × 12 Unbuffered Analog Switch Array With Dual/Single Supplies 1 2 3 4 5 MoreAnalog Devices
MC3346GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS 1 2 3 4 Motorola, Inc
M63826P7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
LDT-M514RITRIPLE DIGT SEVEN SEGMENT DISPLAY RED COMMON ANODE 1 List of Unclassifed Manufacturers
ADG2188IC CMOS 8 × 8 Unbuffered Analog Switch Array with Dual/Single Supplies 1 2 3 4 5 MoreAnalog Devices
PAL1016P83ns ECL ASPECT Programmable Array Logic 1 2 3 4 5 MoreNational Semiconductor (TI)
BU911MEDIUM VOLTAGE NPN IGNITION DARLINGTON 1 2 3 4 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl