Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL1104LPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRL1104LPBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL1104LPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRL1104LPBF Datasheet HTML 2Page - International Rectifier IRL1104LPBF Datasheet HTML 3Page - International Rectifier IRL1104LPBF Datasheet HTML 4Page - International Rectifier IRL1104LPBF Datasheet HTML 5Page - International Rectifier IRL1104LPBF Datasheet HTML 6Page - International Rectifier IRL1104LPBF Datasheet HTML 7Page - International Rectifier IRL1104LPBF Datasheet HTML 8Page - International Rectifier IRL1104LPBF Datasheet HTML 9Page - International Rectifier IRL1104LPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRL1104S/LPbF
6
www.irf.com
Fig 13a. Basic Gate Charge Waveform
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13b. Gate Charge Test Circuit
QG
QGS
QGD
VG
Charge
4.5 V
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
10V
5
25
50
75
100
125
150
175
0
200
400
600
800
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
25A
44A
62A


Similar Part No. - IRL1104LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL1104L IRF-IRL1104L Datasheet
203Kb / 11P
   Logic-Level Gate Drive
More results

Similar Description - IRL1104LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com