Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3988SJP-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A3988SJP-T
Description  Quad DMOS Full Bridge PWM Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3988SJP-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A3988SJP-T Datasheet HTML 5Page - Allegro MicroSystems A3988SJP-T Datasheet HTML 6Page - Allegro MicroSystems A3988SJP-T Datasheet HTML 7Page - Allegro MicroSystems A3988SJP-T Datasheet HTML 8Page - Allegro MicroSystems A3988SJP-T Datasheet HTML 9Page - Allegro MicroSystems A3988SJP-T Datasheet HTML 10Page - Allegro MicroSystems A3988SJP-T Datasheet HTML 11Page - Allegro MicroSystems A3988SJP-T Datasheet HTML 12Page - Allegro MicroSystems A3988SJP-T Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Quad DMOS Full Bridge PWM Motor Driver
A3988
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Terminal List Table
Package EV
18
17
16
15
14
13
12
11
10
28
29
30
31
32
33
34
35
36
PHASE1
PHASE2
GND
VREF4
VREF3
VREF2
VREF1
VDD
PHASE3
I12
I11
GND
VCP
CP1
CP2
I01
I02
I03
PAD
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
I14
NC
PHASE1
PHASE2
GND
VREF4
VREF3
VREF2
VREF1
VDD
PHASE3
PHASE4
I13
I12
I11
GND
NC
VCP
CP1
CP2
I01
I02
I03
I04
PAD
Package JP
Number
Pin Name
Pin Description
EV
JP
2
3
OUT1A
DMOS Full-Bridge 1 Output A
3
4
SENSE1
Sense Resistor Terminal for Bridge 1
4
5
OUT1B
DMOS Full-Bridge 1 Output B
5
6
VBB1
Load Supply Voltage
6
8
OUT2B
DMOS Full-Bridge 2 Output B
7
9
SENSE2
Sense Resistor Terminal for Bridge 2
8
10
OUT2A
DMOS Full-Bridge 2 Output A
9
13
PHASE4
Control Input
10
14
PHASE3
Control Input
11
15
VDD
Logic Supply Voltage
12
16
VREF1
Analog Input
13
17
VREF2
Analog Input
14
18
VREF3
Analog Input
15
19
VREF4
Analog Input
16
20
GND
Ground
17
21
PHASE2
Control Input
18
22
PHASE1
Control Input
19
24
I14
Control Input
20
27
OUT4A
DMOS Full-Bridge 4 Output A
21
28
SENSE4
Sense Resistor Terminal for Bridge 4
22
29
OUT4B
DMOS Full-Bridge 4 Output B
23
31
VBB2
Load Supply Voltage
24
32
OUT3B
DMOS Full-Bridge 3 Output B
25
33
SENSE3
Sense Resistor Terminal for Bridge 3
26
34
OUT3A
DMOS Full-Bridge 3 Output A
27
37
I13
Control Input
28
38
I12
Control Input
29
39
I11
Control Input
30
40
GND
Ground
31
42
VCP
Reservoir Capacitor Terminal
32
43
CP1
Charge Pump Capacitor Terminal
33
44
CP2
Charge Pump Capacitor Terminal
34
45
I01
Control Input
35
46
I02
Control Input
36
47
I03
Control Input
1
48
I04
Control Input
1, 2, 7, 11,
12, 23, 25,
26, 30, 35,
36, 41
NC
No Connect
––
PAD
Exposed pad for enhanced thermal perfor-
mance. Should be soldered to the PCB.
Packages are not to scale
Pin-out Diagrams


Similar Part No. - A3988SJP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3988 ALLEGRO-A3988_11 Datasheet
333Kb / 14P
   The A3988 is a quad DMOS full-bridge driver capable of driving up to two stepper motors or four DC motors.
More results

Similar Description - A3988SJP-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5988 ALLEGRO-A5988 Datasheet
748Kb / 14P
   Quad DMOS Full-Bridge PWM Motor Driver
AMT49701 ALLEGRO-AMT49701 Datasheet
776Kb / 13P
   Quad DMOS Full-Bridge PWM Motor Driver
A5990 ALLEGRO-A5990 Datasheet
764Kb / 12P
   Quad DMOS Full-Bridge PWM Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
A3959 ALLEGRO-A3959_16 Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A3959SB ALLEGRO-A3959SB Datasheet
306Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
A4950_V3 ALLEGRO-A4950_V3 Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
3958 ALLEGRO-3958_02 Datasheet
171Kb / 12P
   DMOS FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com