Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

595D567X-6R3R2T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 595D567X-6R3R2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT짰 Conformal Coated, Maximum CV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

595D567X-6R3R2T Datasheet(HTML) 2 Page - Vishay Siliconix

  595D567X-6R3R2T Datasheet HTML 1Page - Vishay Siliconix 595D567X-6R3R2T Datasheet HTML 2Page - Vishay Siliconix 595D567X-6R3R2T Datasheet HTML 3Page - Vishay Siliconix 595D567X-6R3R2T Datasheet HTML 4Page - Vishay Siliconix 595D567X-6R3R2T Datasheet HTML 5Page - Vishay Siliconix 595D567X-6R3R2T Datasheet HTML 6Page - Vishay Siliconix 595D567X-6R3R2T Datasheet HTML 7Page - Vishay Siliconix 595D567X-6R3R2T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 40007
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 04-Sep-06
79
595D
Solid Tantalum Chip Capacitors
TANTAMOUNT® Conformal Coated,
Maximum CV
Vishay Sprague
RATINGS AND CASE CODES
µF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.10
T
0.15
T
0.22
T
0.33
T
A
0.47
T
A
A
0.68
T
A
A/B
1.0
T
A
A
B
1.5
T
A
A/B
C
2.2
T
T/A
A
A
B
B/C
3.3
T
T
A
B/C
C
C
4.7
T
T
A
A/B
B/C
C
6.8
T
A
A/B
B
C
C/D
10
T
A
A/B
B
B/C
D
D/R
15
A
A
A/B
A/B
B
C
C/D
R
22
A/B
A
B/M
B/C
C/D
D/R
R
33
A/B
S/A/B
A/B
B/C
C/D
R
47
A
A/B
B
B/C
C/D
D/R
R
68
A
A/B
B/C
C/D
D
D/R
100
A/B
B/C/M
B/D
C/D
D/R
R
120
C
C
D
R
R
150
B/C
C/D
D/R
R
180
D
D
D/R
R
220
C/D
C/D/G/H
C/D/R
R
270
C/D
R
330
C*
C/D/R
D/R
R
390
D
R
R
470
C/R
D/R
R
560
R
680
D
R
R
1000
R
R
1500
R
* Preliminary values, contact factory for availability
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(Ohms)
MAX. RIPPLE
100 kHz
Irms
(Amps)
4 WVDC AT+ 85 °C, SURGE = 5.2 V . . . 2.7 WVDC AT + 125 °C, SURGE = 3.4 V
4.7
T
595D475X_004T2T
0.5
6
7.8
0.06
10
T
595D106X_004T2T
0.5
6
7.8
0.06
15
A
595D156X_004A2T
0.6
6
1.4
0.23
33
A
595D336X_004A2T
1.3
6
1.4
0.23
33
B
595D336X_004B2T
1.3
6
0.47
0.43
47
A
595D476X_004A2T
1.9
6
1.40
0.23
68
A
595D686X_004A2T
2.7
6
1.30
0.24
100
A
595D107X_004A2T
4.0
12
0.60
0.35
100
B
595D107X_004B2T
4.0
8
0.45
0.44
120
C
595D127X_004C2T
4.8
8
0.19
0.76
* Preliminary values, contact factory for availability. For 10 % tolerance, specify "9"; for 20 % tolerance, change to "0".


Similar Part No. - 595D567X-6R3R2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
595D567X96R3R VISHAY-595D567X96R3R Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D567X_6R3R2T VISHAY-595D567X_6R3R2T Datasheet
120Kb / 8P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV
Revision: 18-Jan-08
More results

Similar Description - 595D567X-6R3R2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D475X0050C2T VISHAY-594D475X0050C2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D227X0010D2T VISHAY-594D227X0010D2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
595D VISHAY-595D_17 Datasheet
334Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated, Maximum CV
Revision: 21-Jun-17
595D227X0016R2T VISHAY-595D227X0016R2T Datasheet
338Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D476X9025R2T VISHAY-595D476X9025R2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com