Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7240 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # A7240
Description  20W BRIDGE AMPLIFIER FOR CAR RADIO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A7240 Datasheet(HTML) 5 Page - Unisonic Technologies

  A7240 Datasheet HTML 1Page - Unisonic Technologies A7240 Datasheet HTML 2Page - Unisonic Technologies A7240 Datasheet HTML 3Page - Unisonic Technologies A7240 Datasheet HTML 4Page - Unisonic Technologies A7240 Datasheet HTML 5Page - Unisonic Technologies A7240 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
A7240
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R107-048,A
TYPICAL CHARACTERISTICS
910
11
121314
15
VS (V)
6
10
14
18
22
OutputPower vs. Supply Voltage
2
5
10
14
PD (W)
0
2
4
6
8
Distortion vs. Output Power
VSS = 10%
RL = 4Ω
f = 1KHz
VSS = 14.4V
RL = 4Ω
f = 1KHz
9
1011
121314
1516
VSS (V)
THD = 10%
RL = 8Ω
f = 1KHz
4
6
8
10
12
14
OutputPower vs. Supply Voltage
02
4
6
8
10
12
PD (W)
4
6
8
10
12
14
Distortion vs. Output Power
VSS = 14.4V
RL = 8Ω
f = 1KHz
102
103
f (Hz)
20
30
40
10
50
60
SupplyVoltage Rejection vs. Frequency
VSS = 14.4V
VR = 0.5V
Rg = 10KΩ
C2 = 22μF
C2 = 10μF


Similar Part No. - A7240

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A7240 AITSEMI-A7240 Datasheet
463Kb / 9P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
logo
Unisonic Technologies
A7240G-TB7-T UTC-A7240G-TB7-T Datasheet
195Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240L-TB7-T UTC-A7240L-TB7-T Datasheet
195Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
AiT Semiconductor Inc.
A7240MP8R AITSEMI-A7240MP8R Datasheet
463Kb / 9P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
A7240MP8VR AITSEMI-A7240MP8VR Datasheet
463Kb / 9P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
More results

Similar Description - A7240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2005 STMICROELECTRONICS-TDA2005 Datasheet
259Kb / 20P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
TDA2005 UTC-TDA2005 Datasheet
518Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
A7240 UTC-A7240_15 Datasheet
195Kb / 6P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
PA2005 UTC-PA2005 Datasheet
522Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7241B STMICROELECTRONICS-TDA7241B Datasheet
110Kb / 7P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
PA2005 UTC-PA2005_15 Datasheet
522Kb / 16P
   20W BRIDGE AMPLIFIER FOR CAR RADIO
logo
NTE Electronics
NTE1396 NTE-NTE1396 Datasheet
23Kb / 3P
   Integrated Circuit 20W Bridge Booster for Car Radio
logo
STMicroelectronics
TDA7350A STMICROELECTRONICS-TDA7350A Datasheet
324Kb / 22P
   22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
TDA7350A STMICROELECTRONICS-TDA7350A_05 Datasheet
491Kb / 23P
   22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO
TDA7374B STMICROELECTRONICS-TDA7374B Datasheet
171Kb / 13P
   DUAL BRIDGE AUDIO AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com