Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1383 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1383
Description  Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1383 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1383 Datasheet HTML 4Page - Allegro MicroSystems A1383 Datasheet HTML 5Page - Allegro MicroSystems A1383 Datasheet HTML 6Page - Allegro MicroSystems A1383 Datasheet HTML 7Page - Allegro MicroSystems A1383 Datasheet HTML 8Page - Allegro MicroSystems A1383 Datasheet HTML 9Page - Allegro MicroSystems A1383 Datasheet HTML 10Page - Allegro MicroSystems A1383 Datasheet HTML 11Page - Allegro MicroSystems A1383 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Programmable Linear Hall Effect Sensor ICs with Analog Output
Available in a Miniature Thin Profile Surface Mount Package
A1381, A1382,
A1383, and A1384
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Quiescent Voltage Output Drift Through Temperature Range
Due to internal component tolerances and thermal considerations,
the quiescent voltage output, VOUT(Q), may drift from its nominal
value over the operating ambient temperature, TA. For purposes
of specification, the Quiescent Voltage Output Drift Through
Temperature Range, ∆VOUT(Q) (mV), is defined as:
∆V
OUT(Q)
V
OUT(Q)(TA) –VOUT(Q)(25°C)
=
.
(3)
Sensitivity
The presence of a south polarity magnetic field, per-
pendicular to the branded surface of the package face, increases
the output voltage from its quiescent value toward the supply
voltage rail (assuming that the polarity bit, POL, is in its initial
state of logic 0). The amount of the output voltage increase is
proportional to the magnitude of the magnetic field applied.
Conversely, the application of a north polarity field decreases the
output voltage from its quiescent value. This proportionality is
specified as the magnetic sensitivity, Sens (mV/G), of the device,
and it is defined as:
V
OUT(BPOS) – VOUT(BNEG)
BPOS – BNEG
Sens =
,
(4)
where BPOS and BNEG are two magnetic fields with opposite
polarities.
Guaranteed Sensitivity Range
The magnetic sensitivity, Sens,
can be programmed around its nominal value, 2.5 to 7.5 mV/G
depending on device type, within the sensitivity range limits:
Sens(min) and Sens(max). Refer to the Guaranteed Quiescent
Voltage Output Range section for a conceptual explanation of
how value distributions and ranges are related.
Average Sensitivity Step Size
Refer to the Average Quiescent
Voltage Output Step Size section for a conceptual explanation.
Sensitivity Programming Resolution
Refer to the Quiescent
Voltage Output Programming Resolution section for a conceptual
explanation.
Sensitivity Temperature Coefficient
Device sensitivity changes
as temperature changes, with respect to its programmed sensitiv-
ity temperature coefficient, TCSENS. TCSENS is programmed at
150°C, and calculated relative to the nominal sensitivity program
ming temperature of 25°C. TCSENS (%/°C) is defined as:
Sens
T2 – SensT1
Sens
T1
T2–T1
1
TC
Sens =
×100%
,
⎟⎟
⎜⎜
⎟⎟
⎜⎜
(5)
where T1 is the nominal Sens programming temperature of 25°C,
and T2 is the TCSENS programming temperature of 150°C. The
ideal value of Sens over the full ambient temperature range,
SensIDEAL(TA), is defined as:
Sens
T1 [100% + TCSENS (TA –T1)]
Sens
IDEAL(TA) =
(6)
Guaranteed Sensitivity Temperature Coefficient Range
The
magnetic sensitivity temperature coefficient can be programmed
within its limits: TCSens(max) and TCSens(min). Refer to the
Guaranteed Quiescent Voltage Output Range section for a con-
ceptual explanation of how value distributions and ranges are
related.
Average Sensitivity Temperature Coefficient Step Size
Refer
to the Average Quiescent Voltage Output Step Size section for a
conceptual explanation.
Sensitivity Temperature Coefficient Programming Resolution
Refer to the Quiescent Voltage Output Programming Resolution
section for a conceptual explanation.
Sensitivity Drift Through Temperature Range
Second order
sensitivity temperature coefficient effects cause the magnetic
sensitivity, Sens, to drift from its ideal value over the operating
ambient temperature range, TA. For purposes of specification, the
sensitivity drift through temperature range, ∆SensTC, is defined
as:
Sens
TA – SensIDEAL(TA)
Sens
IDEAL(TA)
∆Sens
TC =
×100% .
(7)
Sensitivity Drift Due to Package Hysteresis
Package stress and
relaxation can cause the device sensitivity at TA = 25°C to change
during and after temperature cycling.


Similar Part No. - A1383

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1386 ALLEGRO-A1386 Datasheet
420Kb / 19P
   5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options
A1386LLHLT-T ALLEGRO-A1386LLHLT-T Datasheet
420Kb / 19P
   5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options
A1386LUA-T ALLEGRO-A1386LUA-T Datasheet
420Kb / 19P
   5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
More results

Similar Description - A1383

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1318 ALLEGRO-A1318 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low Profile Surface Mount Package
A1308 ALLEGRO-A1308 Datasheet
511Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low-Profile Surface-Mount Package
A1304 ALLEGRO-A1304 Datasheet
948Kb / 10P
   Linear Hall-Effect Sensor IC with Analog Output, Available in a Miniature, Low Profile Surface Mount Package
ALS31000 ALLEGRO-ALS31000 Datasheet
748Kb / 10P
   Unidirectional Linear Hall-Effect Sensor IC with Analog Output, in Miniature Low-Profile Surface-Mount Package
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
logo
Micronas
HAL1860 MICRONAS-HAL1860 Datasheet
354Kb / 30P
   Programmable Linear Hall-Effect Sensor in TO92 Package
HAL85X MICRONAS-HAL85X Datasheet
3Mb / 2P
   Programmable Hall-Effect Sensors with Arbitrary Output
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373_06 Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1373 ALLEGRO-A1373 Datasheet
435Kb / 23P
   HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com