Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1384 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A1384
Description  Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1384 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A1384 Datasheet HTML 3Page - Allegro MicroSystems A1384 Datasheet HTML 4Page - Allegro MicroSystems A1384 Datasheet HTML 5Page - Allegro MicroSystems A1384 Datasheet HTML 6Page - Allegro MicroSystems A1384 Datasheet HTML 7Page - Allegro MicroSystems A1384 Datasheet HTML 8Page - Allegro MicroSystems A1384 Datasheet HTML 9Page - Allegro MicroSystems A1384 Datasheet HTML 10Page - Allegro MicroSystems A1384 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Programmable Linear Hall Effect Sensor ICs with Analog Output
Available in a Miniature Thin Profile Surface Mount Package
A1381, A1382,
A1383, and A1384
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Characteristic Definitions
Power-On Time
When the supply is ramped to its operating
voltage, the device requires a finite time to power its inter-
nal components before responding to an input magnetic field.
Power-On Time, tPO, is defined as: the time it takes for the out-
put voltage to settle within ±10% of its steady state value under
an applied magnetic field, after the power supply has reached its
minimum specified operating voltage, VCC(min), as shown in the
following chart.
Delay to Clamp
A large magnetic input step may cause the
clamp to overshoot its steady state value. The Delay to Clamp,
tCLP, is defined as: the time it takes for the output voltage to
settle within ±1% of its steady state value, after initially passing
through its steady state voltage, as shown in the following chart.
Quiescent Voltage Output
In the quiescent state (no significant
magnetic field: B = 0 G), the output, VOUT(Q), has a constant
ratio to the supply voltage, VCC, throughout the entire operating
ranges of VCC and ambient temperature, TA.
Guaranteed Quiescent Voltage Output Range
The quiescent
voltage output, VOUT(Q), can be programmed around its nominal
value of 2.5 V, within the guaranteed quiescent voltage range
limits: VOUT(Q)(min) and VOUT(Q)(max). The available guaran-
teed programming range for VOUT(Q) falls within the distributions
of the initial, VOUT(Q)init, and the maximum programming code
for setting VOUT(Q), as shown in the following diagram.
Average Quiescent Voltage Output Step Size
The average qui-
escent voltage output step size for a single device is determined
using the following calculation:
V
OUT(Q)maxcode –VOUT(Q)init
2n–1
Step
VOUT(Q) =
.
(1)
where:
n is the number of available programming bits in the trim
range,
2n–1 is the value of the maximum programming code in the
range, and
VOUT(Q)maxcode is the quiescent voltage output at code 2
n–1.
Quiescent Voltage Output Programming Resolution
The pro-
gramming resolution for any device is half of its programming
step size. Therefore, the typical programming resolution will be:
Err
PGVOUT(Q)(typ)
= 0.5 × StepVOUT(Q)(typ)
.
(2)
V
+t
VCC
VCC(min.)
VOUT
90% VOUT
0
t1= time at which power supply reaches
minimum specified operating voltage
t2= time at which output voltage settles
within ±10% of its steady state value
under an applied magnetic field
t1
t2
tPO
VCC(typ.)
V
t
Magnetic Input
VOUT
0
t1= time at which output voltage initially
reaches steady state clamp voltage
t2= time at which output voltage settles to
within 1% of steady state clamp voltage
Note: Times apply to both high clamp
(shown) and low clamp.
VCLP(HIGH)
t1
t2
tCLP
VOUT(Q)(max)
VOUT(Q)(min)
VOUT(Q)init(typ)
Guaranteed Output
Programming
Range, VOUT(Q)
Distribution for
Max Code VOUT(Q)
Distribution for
VOUT(Q)init


Similar Part No. - A1384

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1386 ALLEGRO-A1386 Datasheet
420Kb / 19P
   5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options
A1386LLHLT-T ALLEGRO-A1386LLHLT-T Datasheet
420Kb / 19P
   5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options
A1386LUA-T ALLEGRO-A1386LUA-T Datasheet
420Kb / 19P
   5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
More results

Similar Description - A1384

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1318 ALLEGRO-A1318 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low Profile Surface Mount Package
A1308 ALLEGRO-A1308 Datasheet
511Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low-Profile Surface-Mount Package
A1304 ALLEGRO-A1304 Datasheet
948Kb / 10P
   Linear Hall-Effect Sensor IC with Analog Output, Available in a Miniature, Low Profile Surface Mount Package
ALS31000 ALLEGRO-ALS31000 Datasheet
748Kb / 10P
   Unidirectional Linear Hall-Effect Sensor IC with Analog Output, in Miniature Low-Profile Surface-Mount Package
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
logo
Micronas
HAL1860 MICRONAS-HAL1860 Datasheet
354Kb / 30P
   Programmable Linear Hall-Effect Sensor in TO92 Package
HAL85X MICRONAS-HAL85X Datasheet
3Mb / 2P
   Programmable Hall-Effect Sensors with Arbitrary Output
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373_06 Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1373 ALLEGRO-A1373 Datasheet
435Kb / 23P
   HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com