Electronic Components Datasheet Search |
|
B32561J3474J Datasheet(PDF) 4 Page - Siemens Semiconductor Group |
|
B32561J3474J Datasheet(HTML) 4 Page - Siemens Semiconductor Group |
4 / 16 page 56 Siemens Matsushita Components MKT 7,5 Capacitance tolerance: ± 20 % =ˆ M, ± 10 % =ˆ K, ± 5 % =ˆ J Special dimensions available upon request. For corresponding design rules, refer to page 238. 400 Vdc (200 Vac) 1,0 nF 2,5 × 5,5 × 9,0 B32560-J6102-+ 2) 2) 2300 1,5 nF 2,5 × 5,5 × 9,0 B32560-J6152-+*** 3500 2900 2000 2,2 nF 2,5 × 5,5 × 9,0 B32560-J6222-+*** 3700 3000 2100 3,3 nF 2,5 × 5,5 × 9,0 B32560-J6332-+*** 3400 2800 2000 4,7 nF 2,5 × 5,5 × 9,0 B32560-J6472-+*** 3700 3000 2000 6,8 nF 2,5 × 5,5 × 9,0 B32560-J6682-+*** 3700 3000 2000 10 nF 2,5 × 5,5 × 9,0 B32560-J6103-+*** 3500 2800 2200 15 nF 2,5 × 5,5 × 9,0 B32560-J6153-+*** 3500 2800 2500 22 nF 2,5 × 5,5 × 9,0 B32560-J6223-+*** 3400 2700 2300 33 nF 2,6 × 6,0 × 9,0 B32560-J6333-+*** 3400 2700 1600 47 nF 3,2 × 6,5 × 9,0 B32560-J6473-+*** 2650 2200 1200 68 nF 3,8 × 7,3 × 9,0 B32560-J6683-+*** 2250 1900 1000 0,10 µF 4,9 × 7,7 × 9,0 B32560-J6104-+*** 1750 1400 500 0,15 µF 6,5 × 8,2 × 9,0 B32560-J6154-+ – – 500 630 Vdc (400 Vac) 1,0 nF 2,5 × 5,5 × 9,0 B32560-J8102-+ 2) 2) 2300 1,5 nF 2,5 × 5,5 × 9,0 B32560-J8152-+*** 3500 2900 2000 2,2 nF 2,5 × 5,5 × 9,0 B32560-J8222-+*** 3700 3000 2100 3,3 nF 2,5 × 5,5 × 9,0 B32560-J8332-+*** 3400 2800 2000 4,7 nF 2,5 × 5,5 × 9,0 B32560-J8472-+*** 3400 2700 1800 6,8 nF 3,2 × 6,5 × 9,0 B32560-J8682-+*** 2900 2400 1300 10 nF 3,8 × 7,5 × 9,0 B32560-J8103-+*** 2400 2000 1000 Ordering codes and packing units, lead spacing 7,5 mm VR ( Vrms, f ≤ 60 Hz) CR Maximum dimensions b × h × l (mm) Ordering code1) Packing units (pcs) Ammo pack Reel Untaped 1) Replace the + by the code letter for the required capacitance tolerance. Replace the *** by the code number for the required packing: Ammo pack = 289, reel = 189 The ordering code for untaped components ends after the tolerance code letter. 2) Taping upon request B 32 560 |
Similar Part No. - B32561J3474J |
|
Similar Description - B32561J3474J |