Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1384ELHLT-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A1384ELHLT-T
Description  Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1384ELHLT-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A1384ELHLT-T Datasheet HTML 2Page - Allegro MicroSystems A1384ELHLT-T Datasheet HTML 3Page - Allegro MicroSystems A1384ELHLT-T Datasheet HTML 4Page - Allegro MicroSystems A1384ELHLT-T Datasheet HTML 5Page - Allegro MicroSystems A1384ELHLT-T Datasheet HTML 6Page - Allegro MicroSystems A1384ELHLT-T Datasheet HTML 7Page - Allegro MicroSystems A1384ELHLT-T Datasheet HTML 8Page - Allegro MicroSystems A1384ELHLT-T Datasheet HTML 9Page - Allegro MicroSystems A1384ELHLT-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Programmable Linear Hall Effect Sensor ICs with Analog Output
Available in a Miniature Thin Profile Surface Mount Package
A1381, A1382,
A1383, and A1384
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
RθJA
Package LH, 1-layer PCB with copper limited to solder pads
228
ºC/W
Package LH, 2-layer PCB with 0.463 in.2 of copper area each side
connected by thermal vias
110
ºC/W
Package UA, 1-layer PCB with copper limited to solder pads
165
ºC/W
*Additional thermal information available on Allegro website.
6
5
4
3
2
1
0
20
40
60
80
100
120
140
160
180
Temperature (ºC)
Power Derating Curve
(R
JA = 228 ºC/W)
1-layer PCB, Package LH
(R
JA = 110 ºC/W)
2-layer PCB, Package LH
(R
JA = 165 ºC/W)
1-layer PCB, Package UA
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
Power Dissipation versus Ambient Temperature
(R
JA
= 165
ºC/W)
1-layer
PCB,
Package
UA
(R
JA
= 228
ºC/W)
1-layer
PCB,
Package
LH
(R
JA = 110
ºC/W)
2-layer
PCB,
Package
LH


Similar Part No. - A1384ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1386 ALLEGRO-A1386 Datasheet
420Kb / 19P
   5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options
A1386LLHLT-T ALLEGRO-A1386LLHLT-T Datasheet
420Kb / 19P
   5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options
A1386LUA-T ALLEGRO-A1386LUA-T Datasheet
420Kb / 19P
   5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
More results

Similar Description - A1384ELHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1318 ALLEGRO-A1318 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low Profile Surface Mount Package
A1308 ALLEGRO-A1308 Datasheet
511Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low-Profile Surface-Mount Package
A1304 ALLEGRO-A1304 Datasheet
948Kb / 10P
   Linear Hall-Effect Sensor IC with Analog Output, Available in a Miniature, Low Profile Surface Mount Package
ALS31000 ALLEGRO-ALS31000 Datasheet
748Kb / 10P
   Unidirectional Linear Hall-Effect Sensor IC with Analog Output, in Miniature Low-Profile Surface-Mount Package
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
logo
Micronas
HAL1860 MICRONAS-HAL1860 Datasheet
354Kb / 30P
   Programmable Linear Hall-Effect Sensor in TO92 Package
HAL85X MICRONAS-HAL85X Datasheet
3Mb / 2P
   Programmable Hall-Effect Sensors with Arbitrary Output
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373_06 Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1373 ALLEGRO-A1373 Datasheet
435Kb / 23P
   HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com