Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1384LUATI-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A1384LUATI-T
Description  Programmable Linear Hall Effect Sensors with Analog Output Available in a Miniature Thin Profile Surface Mount Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1384LUATI-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1384LUATI-T Datasheet HTML 1Page - Allegro MicroSystems A1384LUATI-T Datasheet HTML 2Page - Allegro MicroSystems A1384LUATI-T Datasheet HTML 3Page - Allegro MicroSystems A1384LUATI-T Datasheet HTML 4Page - Allegro MicroSystems A1384LUATI-T Datasheet HTML 5Page - Allegro MicroSystems A1384LUATI-T Datasheet HTML 6Page - Allegro MicroSystems A1384LUATI-T Datasheet HTML 7Page - Allegro MicroSystems A1384LUATI-T Datasheet HTML 8Page - Allegro MicroSystems A1384LUATI-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Programmable Linear Hall Effect Sensor ICs with Analog Output
Available in a Miniature Thin Profile Surface Mount Package
A1381, A1382,
A1383, and A1384
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
PRE-PROGRAMMING TARGET5
Pre-Programming Quiescent
Voltage Output
VOUT(Q)init
B = 0 G, TA = 25°C
2.1
V
Pre-Programming Sensitivity
Sensinit
A1381
TA = 25°C
4.2
mV/G
A1382
2.9
mV/G
A1383
2.1
mV/G
A1384
1.4
mV/G
Pre-Programming Sensitivity
Temperature Coefficient6
TCSensinit
TA = 150°C
–0.05
%/°C
QUIESCENT VOLTAGE OUTPUT PROGRAMMING
Guaranteed Quiescent Voltage
Output Range4,7
VOUT(Q)
B = 0 G, TA = 25°C
2.3
2.6
V
Quiescent Voltage Output
Programming Bits
6
bit
Average Quiescent Voltage
Output Step Size8,9
StepVOUT(Q) TA = 25°C
8
11.5
15
mV
Quiescent Voltage Output
Programming Resolution10
ErrPGVOUT(Q) TA = 25°C
StepVOUT(Q)×
±0.5
–mV
SENSITIVITY PROGRAMMING
Guaranteed Sensitivity Range4,11
Sens
A1381
TA = 25°C
6.00
9.00
mV/G
A1382
4.00
6.25
mV/G
A1383
2.75
4.25
mV/G
A1384
2.00
3.00
mV/G
Sensitivity Programming Bits
6
bit
Average Sensitivity Step Size8,9
StepSENS
A1381
TA = 25°C
90
110
130
μV/G
A1382
55
75
95
μV/G
A1383
35
55
75
μV/G
A1384
28
35
42
μV/G
Sensitivity Programming
Resolution10
ErrPGSENS
TA = 25°C
StepSENS ×
±0.5
mV/G
SENSITIVITY TC PROGRAMMING
Guaranteed Sensitivity Tem-
perature Coefficient Range6
TCSens
TA = 150°C
0.00
0.095
%/°C
Sensitivity Temperature Coef-
ficient Programming Bits
3
bit
Average Sensitivity Tempera-
ture Coefficient Step Size6
StepTCSENS
TA = 150°C
0.03
%/°C
Sensitivity Temperature Coeffi-
cient Programming Resolution6
ErrPGTCSENS TA = 150°C
StepTCSENS x
±0.5
%/°C
POLARITY PROGRAMMING
Polarity Programming Bit12
POL
1
bit
LOCK BIT PROGRAMMING
Overall Programming Lock Bit
LOCK
1
bit
OPERATING CHARACTERISTICS (continued), valid over full operating temperature range, TA; CBYPASS= 0.1 μF, VCC = 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Continued on the next page...


Similar Part No. - A1384LUATI-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1386 ALLEGRO-A1386 Datasheet
420Kb / 19P
   5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options
A1386LLHLT-T ALLEGRO-A1386LLHLT-T Datasheet
420Kb / 19P
   5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options
A1386LUA-T ALLEGRO-A1386LUA-T Datasheet
420Kb / 19P
   5 V Field-Programmable Linear Hall Effect Sensor IC with 3 V Supply Functionality, Analog Output, and Miniature Package Options
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
More results

Similar Description - A1384LUATI-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1318 ALLEGRO-A1318 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low Profile Surface Mount Package
A1308 ALLEGRO-A1308 Datasheet
511Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output Available in a Miniature, Low-Profile Surface-Mount Package
A1304 ALLEGRO-A1304 Datasheet
948Kb / 10P
   Linear Hall-Effect Sensor IC with Analog Output, Available in a Miniature, Low Profile Surface Mount Package
ALS31000 ALLEGRO-ALS31000 Datasheet
748Kb / 10P
   Unidirectional Linear Hall-Effect Sensor IC with Analog Output, in Miniature Low-Profile Surface-Mount Package
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
   LINEAR OUTPUT HALL EFFECT SENSORS
logo
Micronas
HAL1860 MICRONAS-HAL1860 Datasheet
354Kb / 30P
   Programmable Linear Hall-Effect Sensor in TO92 Package
HAL85X MICRONAS-HAL85X Datasheet
3Mb / 2P
   Programmable Hall-Effect Sensors with Arbitrary Output
logo
Allegro MicroSystems
A1373 ALLEGRO-A1373_06 Datasheet
533Kb / 22P
   High Precision, Output Pin Programmable Linear Hall Effect Sensors
A1373 ALLEGRO-A1373 Datasheet
435Kb / 23P
   HIgh Precision, Output Pin Programmable Linear Hall Effect Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com