Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6217B11BMR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6217B11BMR
Description  HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217B11BMR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6217B11BMR Datasheet HTML 7Page - Torex Semiconductor XC6217B11BMR Datasheet HTML 8Page - Torex Semiconductor XC6217B11BMR Datasheet HTML 9Page - Torex Semiconductor XC6217B11BMR Datasheet HTML 10Page - Torex Semiconductor XC6217B11BMR Datasheet HTML 11Page - Torex Semiconductor XC6217B11BMR Datasheet HTML 12Page - Torex Semiconductor XC6217B11BMR Datasheet HTML 13Page - Torex Semiconductor XC6217B11BMR Datasheet HTML 14Page - Torex Semiconductor XC6217B11BMR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11/30
XC6217
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
PS Switching Current
IGOR
VCE=VIN, VGO=VSS (GO mode),
IOUT: heavy to light load
0.5
-
-
mA
4
HS Switching Current
IGO
VCE=VIN, VGO=VSS (GO mode),
IOUT: light to heavy load
-
-
8.0
mA
4
Switch Current Hysteresis
Range
IGOhys
IGOhys=IGO- IGOR
-
3.5
-
mA
4
PS Switching Delay Time
TDPS
VIN=CE=VOUT(T)+1.0V,
VGO=VSS (GO mode),
Time until HS mode is changed-over
to PS mode by IGOR
E-5
μ
sec
4
CE High Level Voltage
VCEH
1.2
-
6.0
V
4
GO High Level Voltage
VGOH
VCE=VIN, ISS Search, IOUT=0mA
1.2
-
6.0
V
4
CE Low Level Voltage
VCEL
-
-
0.3
V
4
GO Low Level Voltage
VGOL
VCE=VIN, ISS Search, IOUT=0mA
-
-
0.3
V
4
CE High Level Current
ICEH
VGO=VIN, VCE=VIN
-0.1
-
0.1
μ
A
4
GO High Level Current
IGOH
VGO=VIN, VCE=VIN
-0.1
-
0.1
μ
A
4
CE Low Level Current
ICEL
VCE=VSS, VGO=VSS
-0.1
-
0.1
μ
A
4
GO Low Level Current
IGOL
VCE=VSS, VGO=VSS
-0.1
-
0.1
μ
A
4
CL Auto-Discharge
Resistance (* 8)
Rdischg
VIN=6.0V, VOUT(T)=4.0V,
VCE=VGO=VSS
-
780
-
Ω
1
NOTE:
* 1: Unless otherwise stated regarding input voltage conditions, VIN=VOUT(T)+1.0V.
* 2: VOUT (E) = Effective output voltage (Refer to the voltage chart E-0 to E-3)
(I.e. the output voltage when HS mode and an amply stabilized "VOUT (T)+1.0V" is provided at the VIN pin while maintaining a
certain IOUT value.)
* 3: The rated value of the setting output voltage VOUT(E) is shown in voltage chart E-0 to E-3)
For the 1% accuracy products, please contact Torex sales person.
* 4: VOUT (T) = Specified output voltage
* 5: Vdif={VIN1(*7)-VOUT1(*6)}
* 6: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input in the HS mode.
* 7: VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased.
* 8: For the XC6217B series only. The XC6217A series discharges by resistors R1 and R2 only as shown in the block diagrams.
ELECTRICAL CHARACTERISTICS (Continued)
Ta=25℃
XC6217A/B series (Continued)


Similar Part No. - XC6217B11BMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217B0817R-G TOREX-XC6217B0817R-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217B081GR TOREX-XC6217B081GR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217B081GR-G TOREX-XC6217B081GR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217B081MR TOREX-XC6217B081MR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217B081MR-G TOREX-XC6217B081MR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6217B11BMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A182MR-G TOREX-XC6217A182MR-G Datasheet
556Kb / 32P
   200mA High Speed "Green Operation" LDO Voltage Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com