Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1345YF-70-IND Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1345YF-70-IND
Description  1024k Nonvolatile SRAM with Battery Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1345YF-70-IND Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1345YF-70-IND Datasheet HTML 4Page - Maxim Integrated Products DS1345YF-70-IND Datasheet HTML 5Page - Maxim Integrated Products DS1345YF-70-IND Datasheet HTML 6Page - Maxim Integrated Products DS1345YF-70-IND Datasheet HTML 7Page - Maxim Integrated Products DS1345YF-70-IND Datasheet HTML 8Page - Maxim Integrated Products DS1345YF-70-IND Datasheet HTML 9Page - Maxim Integrated Products DS1345YF-70-IND Datasheet HTML 10Page - Maxim Integrated Products DS1345YF-70-IND Datasheet HTML 11Page - Maxim Integrated Products DS1345YF-70-IND Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DS1345Y/AB
8 of 12
POWER-DOWN/POWER-UP TIMING
(tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VCC Fail Detect to CE and WE Inactive
tPD
1.5
µs
11
VCC slew from VTP to 0V
tF
150
µs
VCC Fail Detect to RST Active
tRPD
15
µs
14
VCC slew from 0V to VTP
tR
150
µs
VCC Valid to CE and WE Inactive
tPU
2
ms
VCC Valid to End of Write Protection
tREC
125
ms
VCC Valid to RST Inactive
tRPU
150
200
350
ms
14
VCC Valid to BW Valid
tBPU
1
s
14
BATTERY WARNING TIMING
(tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Battery Test Cycle
tBTC
24
hr
Battery Test Pulse Width
tBTPW
1
s
Battery Test to BW Active
tBW
1
s
(tA = 25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Expected Data Retention Time
tDR
10
years
9
WARNING:
Under no circumstance are negative undershoots, of any amplitude, allowed when device is in battery
backup mode.
NOTES:
1.
WE
is high for a Read Cycle.
2. OE = VIH or VIL. If OE = VIH during write cycle, the output buffers remain in a high-impedance state.
3. tWP is specified as the logical AND of CE and WE . tWP is measured from the latter of CE or WE
going low to the earlier of CE or WE going high.
4. tDS is measured from the earlier of CE or WE going high.
5. These parameters are sampled with a 5pF load and are not 100% tested.
6. If the CE low transition occurs simultaneously with or latter than the WE low transition, the output
buffers remain in a high-impedance state during this period.
7. If the CE high transition occurs prior to or simultaneously with the WE high transition, the output
buffers remain in high-impedance state during this period.
8. If WE is low or the WE low transition occurs prior to or simultaneously with the CE low transition,
the output buffers remain in a high impedance state during this period.


Similar Part No. - DS1345YF-70-IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1345Y DALLAS-DS1345Y Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
DS1345Y-70 DALLAS-DS1345Y-70 Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345YL MAXIM-DS1345YL Datasheet
387Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
022598
logo
Dallas Semiconductor
DS1345YL-100 DALLAS-DS1345YL-100 Datasheet
219Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
DS1345YL-100-IND DALLAS-DS1345YL-100-IND Datasheet
219Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
More results

Similar Description - DS1345YF-70-IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1345BL DALLAS-DS1345BL Datasheet
219Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345YL MAXIM-DS1345YL Datasheet
387Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
022598
logo
Dallas Semiconductor
DS1345Y DALLAS-DS1345Y Datasheet
211Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345Y MAXIM-DS1345Y_V01 Datasheet
193Kb / 10P
   1024k Nonvolatile SRAM with Battery Monitor
2010
logo
Dallas Semiconductor
DS1345W DALLAS-DS1345W Datasheet
249Kb / 12P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1345W MAXIM-DS1345W Datasheet
217Kb / 10P
   3.3V 1024k Nonvolatile SRAM with Battery Monitor
19-5587; Rev 10/10
logo
Dallas Semiconductor
DS1350Y DALLAS-DS1350Y Datasheet
228Kb / 12P
   4096k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350YL MAXIM-DS1350YL Datasheet
387Kb / 9P
   4096K Nonvolatile SRAM with Battery Monitor
022598
logo
Dallas Semiconductor
DS1330AB DALLAS-DS1330AB Datasheet
191Kb / 11P
   256k Nonvolatile SRAM with Battery Monitor
logo
Maxim Integrated Produc...
DS1350AB MAXIM-DS1350AB Datasheet
225Kb / 10P
   4096k Nonvolatile SRAM with Battery Monitor
19-5585; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com