Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGE400-2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RGE400-2
Description  Selection Guide and Product Data
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RGE400-2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RGE400-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RGE400-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RGE400-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RGE400-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RGE400-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RGE400-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RGE400-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers RGE400-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers RGE400-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Environmental specifications
Resistance
Test
Test method
Conditions
change
Passive aging
Raychem PS300
–40
°C, 1000 hours
±5%
85
°C, 1000 hours
±5%
Humidity aging
Raychem PS300
85
°C, 85% R.H., 1000 hours
±5%
Thermal shock
Raychem PS300
85
°C, –40°C (10 times)
±5%
Solvent resistance
Raychem PS300, Method 215
MIL-STD-202, Method 215F
No change
Component layouts
The dimensions in the table below provide the component layout for
each RGE device.
Component layout dimensions (millimeters/
inches)
AB
Device
nom.
max.
RGE300
5.1
(0.20)
1.2
(0.05)
RGE400
5.1
(0.20)
1.4
(0.06)
RGE500
5.1
(0.20)
1.6
(0.06)
RGE600
5.1
(0.20)
1.6
(0.06)
RGE700
5.1
(0.20)
1.7
(0.07)
RGE800
5.1
(0.20)
1.8
(0.07)
RGE900
5.1
(0.20)
2.0
(0.08)
RGE1000
5.1
(0.20)
2.0
(0.08)
RGE1100
5.1
(0.20)
2.4
(0.09)
RGE1200
10.2
(0.40)
1.5
(0.06)
RGE1400
10.2
(0.40)
1.9
(0.07)
A
B
B
Raychem Circuit Protection Devices
RGE Devices
135
RGE
Radial Leaded
New
New
New
New
New
New
4
RGE(7)
1/15/99 11:17 AM
Page 135


Similar Part No. - RGE400-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RGE1000 ETC1-RGE1000 Datasheet
117Kb / 1P
   Poly Switch PTC Devices
logo
Tyco Electronics
RGE1000 MACOM-RGE1000 Datasheet
117Kb / 1P
   PolySwitch짰PTC Devices Resettable Fuse
RGE1100 MACOM-RGE1100 Datasheet
34Kb / 1P
   PolySwitch짰PTC Devices Overcurrent Protection Device
RGEF1000 MACOM-RGEF1000 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
RGEF1000 MACOM-RGEF1000 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
More results

Similar Description - RGE400-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
99334 MACOM-99334 Datasheet
396Kb / 12P
   miniSMD Selection Guide and Product Data
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
logo
Samsung semiconductor
K4G80325FB-HC28 SAMSUNG-K4G80325FB-HC28 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com