Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB581C Datasheet(PDF) 1 Page - NEC

Part # UPB581C
Description  DIVIDE- BY- 2 PRESCALER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB581C Datasheet(HTML) 1 Page - NEC

  UPB581C Datasheet HTML 1Page - NEC UPB581C Datasheet HTML 2Page - NEC UPB581C Datasheet HTML 3Page - NEC UPB581C Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UPB581B
UPB581C
ELECTRICAL CHARACTERISTICS (VCC = 5.0 ±0.5 V, ZS = ZL = 50 Ω)
PART NUMBER
UPB581B
UPB581C
PACKAGE OUTLINE
BF08
C08
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
ICC
Power Supply Current
mA
15
30
40
15
30
40
fIN
Frequency Response at
PIN = -10 to -5 dBm1
GHz
0.5
2.4
PIN = -5 to 0 dBm1
GHz
0.5
2.6
PIN = 0 to +5 dBm1
GHz
0.5
2.8
PIN = -5 to +10 dBm2
GHz
0.5
2.2
PIN = -5 to +10 dBm3
GHz
0.5
2.4
PIN = -3 to +10 dBm4
GHz
0.5
2.4
PIN
Input Power at
fIN = 0.5 to 2.4 GHz1
dBm
-10
+5
fIN = 0.5 to 2.6 GHz1
dBm
-5
+5
fIN = 0.5 to 2.8 GHz1
dBm
0
+5
fIN = 0.5 to 2.2 GHz2
dBm
-5
+10
fIN = 0.5 to 2.4 GHz3
dBm
-5
+10
fIN = 0.5 to 2.4 GHz4
dBm
-3
+10
POUT
Output Power5
dBm
-12
-8
-12
-8
RTH (J-C)
Thermal Resistance, Junction to Case
°C/W
25
DIVIDE- BY- 2 PRESCALER
Notes:
1. TA = -40 to +85
°C.
2. TA = -35 to +85
°C.
3. TA = -20 to +65
°C, VCC = 5.0 ±0.25 Volts.
4. TA = -20 to +70
° C, VCC = 5.0 ±0.25 Volts.
5. TA = +25
°C, fIN = 2.0 GHz, PIN = 0 dBm.
TEST CIRCUIT
FEATURES
HIGH FREQUENCY OPERATION TO 2.8 GHz
WIDE BAND OPERATION
SINGLE SUPPLY VOLTAGE: VCC = 5 V
±10%
COMPLEMENTARY OUTPUTS
Note:
All capacitors are 2200 pF,
All resistors are 50 Ohms.
*Pin 8 is not connected for UPB581C.
UPB581B,C
DESCRIPTION
The UPB581 series of devices are divide-by-2 silicon bipolar
digital prescalers. They feature high frequency response and
operate from a single 5 volt supply. The series is available in
two package styles: 8 lead ceramic flat package (UPB581B)
and an 8 pin DIP (UPB581C). Applications include: frequency
synthesis, division and scaling.
VCC
IN
OUT
1
2
3
4
8
7
6
5
*
California Eastern Laboratories


Similar Part No. - UPB581C

ManufacturerPart #DatasheetDescription
logo
NEC
UPB581C NEC-UPB581C Datasheet
77Kb / 12P
   3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
More results

Similar Description - UPB581C

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_15 Datasheet
230Kb / 7P
   Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
NEC
UPB584B NEC-UPB584B Datasheet
143Kb / 4P
   2.5GHz DIVIDE-BY-2 PRESCALER
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
logo
Lucky Light Electronic
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
logo
NEC
UPB582 NEC-UPB582 Datasheet
69Kb / 4P
   DIVIDE-BY-4 PRESCALER
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
   Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com