Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSHF5410 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSHF5410
Description  High Speed Infrared Emitting Diode in T-1 3/4 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHF5410 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSHF5410 Datasheet HTML 1Page - Vishay Siliconix TSHF5410 Datasheet HTML 2Page - Vishay Siliconix TSHF5410 Datasheet HTML 3Page - Vishay Siliconix TSHF5410 Datasheet HTML 4Page - Vishay Siliconix TSHF5410 Datasheet HTML 5Page - Vishay Siliconix TSHF5410 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 81303
Rev. 1.1, 26-Oct-06
TSHF5410
Vishay Semiconductors
Basic Characteristics
Tamb = 25 °C, unless otherwise specified
Figure 1. Power Dissipation Limit vs. Ambient Temperature
20112
0
50
100
150
200
10
20
30
40
50
60
70
80
90
0
100
T
amb - Ambient Temperature (°C)
R
thJA
= 270 K/W
Figure 2. Forward Current Limit vs. Ambient Temperature
T
amb - Ambient Temperature (°C)
20113
010
20
30
40
50
60
70
8090 100
0
25
50
75
100
125
R
thJA
= 270 K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward Voltage
IF = 100 mA, tp = 20 ms
VF
1.4
1.6
V
IF = 1 A, tp = 100 µs
VF
2.3
V
Temp. Coefficient of VF
IF = 100 mA
TKVF
- 2.1
mV/K
Reverse Current
VR = 5 V
IR
10
µA
Junction Capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
125
pF
Radiant Intensity
IF = 100 mA, tp = 20 ms
Ie
34
65
170
mW/sr
IF = 1 A, tp = 100 µs
Ie
650
mW/sr
Radiant Power
IF = 100 mA, tp = 20 ms
φ
e
48
mW
Temp. Coefficient of
φ
e
IF = 100 mA
TK
φ
e
- 0.35
%/K
Angle of Half Intensity
ϕ
± 22
deg
Peak Wavelength
IF = 100 mA
λ
p
890
nm
Spectral Bandwidth
IF = 100 mA
Δλ
40
nm
Temp. Coefficient of
λ
p
IF = 100 mA
TK
λ
p
0.25
nm/K
Rise Time
IF = 100 mA
tr
30
ns
Fall Time
IF = 100 mA
tf
30
ns
Cut-Off Frequency
IDC = 70 mA, IAC = 30 mA pp
fc
12
MHz
Virtual Source Diameter
2.1
mm


Similar Part No. - TSHF5410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHF5410 VISHAY-TSHF5410 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSHF5410 VISHAY-TSHF5410 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.3, 25-Jun-09
TSHF5410 VISHAY-TSHF5410 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.4, 24-Aug-11
TSHF5410 VISHAY-TSHF5410 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm,GaAlAs Double Hetero
01-Jan-2022
TSHF5410 VISHAY-TSHF5410 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Similar Description - TSHF5410

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHF5210 VISHAY-TSHF5210 Datasheet
117Kb / 6P
   High Speed Infrared Emitting Diode in T-13/4 Package
Rev. 1.1, 30-Oct-06
TSHG6400 VISHAY-TSHG6400 Datasheet
116Kb / 6P
   High Speed IR Emitting Diode in T-1 3/4 Package
Rev. 1.0, 28-Nov-06
logo
Unity Opto Technology
MIE-514L3 UOT-MIE-514L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-524L3 UOT-MIE-524L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-534L3 UOT-MIE-534L3 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-824H2 UOT-MIE-824H2 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-516L3U UOT-MIE-516L3U Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-546L3U UOT-MIE-546L3U Datasheet
33Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-554H4 UOT-MIE-554H4 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-526L3U UOT-MIE-526L3U Datasheet
33Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com