Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSFF5210 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSFF5210
Description  High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSFF5210 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSFF5210 Datasheet HTML 1Page - Vishay Siliconix TSFF5210 Datasheet HTML 2Page - Vishay Siliconix TSFF5210 Datasheet HTML 3Page - Vishay Siliconix TSFF5210 Datasheet HTML 4Page - Vishay Siliconix TSFF5210 Datasheet HTML 5Page - Vishay Siliconix TSFF5210 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSFF5210
Document Number 81090
Rev. 1.5, 28-Nov-06
Vishay Semiconductors
www.vishay.com
5
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and operating
systems with respect to their impact on the health and safety of our employees and the public, as well as
their impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are
known as ozone depleting substances (ODSs).
The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs
and forbid their use within the next ten years. Various national and international initiatives are pressing for an
earlier ban on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use
of ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments
respectively
2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency (EPA) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design
and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. Should the buyer use Vishay Semiconductors products for any
unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all
claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal
damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany


Similar Part No. - TSFF5210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSFF5210 VISHAY-TSFF5210 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Aug-08
TSFF5210 VISHAY-TSFF5210 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSFF5210 VISHAY-TSFF5210 Datasheet
113Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5210 VISHAY-TSFF5210 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
TSFF5210 VISHAY-TSFF5210_08 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Aug-08
More results

Similar Description - TSFF5210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF3710 VISHAY-TSMF3710 Datasheet
129Kb / 8P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.3, 21-Feb-07
TSFF5510 VISHAY-TSFF5510 Datasheet
106Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.0, 07-Feb-08
TSFF6210 VISHAY-TSFF6210_V01 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
VSMF4720 VISHAY-VSMF4720_V01 Datasheet
143Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5210 VISHAY-TSFF5210_V02 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
TSHA550 VISHAY-TSHA550 Datasheet
138Kb / 7P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.3, 07-Apr-04
TSHF5200 VISHAY-TSHF5200 Datasheet
142Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.5, 08-Mar-05
TSFF5510 VISHAY-TSFF5510_V01 Datasheet
96Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF6410 VISHAY-TSFF6410_V01 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5210 VISHAY-TSFF5210_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com