Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGE300-1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RGE300-1
Description  Selection Guide and Product Data
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RGE300-1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RGE300-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RGE300-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers RGE300-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers RGE300-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers RGE300-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers RGE300-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers RGE300-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers RGE300-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers RGE300-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4. Determine time-to-trip.
Time-to-trip is the amount of time it takes for a device to switch to a
high-resistance state once a fault current has been applied across the
device.
Identifying the RGE device’s time-to-trip is important in order to provide
the desired protection capabilities. If the device you choose trips
too fast, undesired or nuisance tripping will occur. If the device trips
too slowly, the components being protected may be damaged before
the device switches to a high-resistance state.
The chart below shows the typical time-to-trip at 25°C for each
PolySwitch RGE device. For example, the chart indicates that the typi-
cal time-to-trip for RGE500 at 10 A is 10 seconds.
On the chart below, find the typical time-to-trip for the RGE device you
selected. If the RGE device’s time-to-trip is too fast or too slow for the
circuit, go back to Step 2 and choose an alternate device.
Typical time-to-trip at 25°C
A = RGE300
B = RGE400
C = RGE500
D = RGE600
E = RGE700
F = RGE800
G = RGE900
H = RGE1000
I = RGE1100
J = RGE1200
K = RGE1400
132 RGE Devices
Raychem Circuit Protection Devices
RGE
Radial Leaded
1
1000
100
10
1
0
.01
.001
10
Fault current (A)
100
AB C D E F H
GJ K
I
4
RGE(7)
1/15/99 11:16 AM
Page 132


Similar Part No. - RGE300-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RGE1000 ETC1-RGE1000 Datasheet
117Kb / 1P
   Poly Switch PTC Devices
logo
Tyco Electronics
RGE1000 MACOM-RGE1000 Datasheet
117Kb / 1P
   PolySwitch짰PTC Devices Resettable Fuse
RGE1100 MACOM-RGE1100 Datasheet
34Kb / 1P
   PolySwitch짰PTC Devices Overcurrent Protection Device
RGEF1000 MACOM-RGEF1000 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
RGEF1000 MACOM-RGEF1000 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
More results

Similar Description - RGE300-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
99334 MACOM-99334 Datasheet
396Kb / 12P
   miniSMD Selection Guide and Product Data
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
logo
Samsung semiconductor
K4G80325FB-HC28 SAMSUNG-K4G80325FB-HC28 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com