Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71918-15DRVR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS71918-15DRVR
Description  Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71918-15DRVR Datasheet(HTML) 2 Page - Texas Instruments

  TPS71918-15DRVR Datasheet HTML 1Page - Texas Instruments TPS71918-15DRVR Datasheet HTML 2Page - Texas Instruments TPS71918-15DRVR Datasheet HTML 3Page - Texas Instruments TPS71918-15DRVR Datasheet HTML 4Page - Texas Instruments TPS71918-15DRVR Datasheet HTML 5Page - Texas Instruments TPS71918-15DRVR Datasheet HTML 6Page - Texas Instruments TPS71918-15DRVR Datasheet HTML 7Page - Texas Instruments TPS71918-15DRVR Datasheet HTML 8Page - Texas Instruments TPS71918-15DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
TPS718xx
TPS719xx
SBVS088A – FEBRUARY 2007 – REVISED MARCH 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT(2)(3)
TPS718xx-yywwwz
XX is nominal output voltage for LDO1 (for example, 28 = 2.8V).
TPS719xx-yywwwz
YY nominal output voltage for LDO2.
WWW is package designator.
Z is Tape & Reel quantity (R = 3000, T = 250).
Examples: TPS71918–285DRVR
XX = 18 = 1.8V, YYY = 285 = 2.85V
TPS719185-33DRVR
XXX = 185 = 1.85V, YY = 33 = 3.3V
DRV = 2mm x 2mm SON package
Z = R = 3000 piece reel
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Both outputs are programmable from 0.9V to 3.6V in 50mV increments.
(3)
Output voltages from 0.9V to 3.6V in 50mV increments are available through the use of innovative factory EEPROM programming;
minimum order quantities may apply. Contact factory for details and availability.
Over operating temperature range (unless otherwise noted). All voltages are with respect to GND.
PARAMETER
TPS718xx, TPS719xx
UNIT
Input voltage range, VIN
–0.3 to +7.0
V
Enable voltage range, VEN1 and VEN2
–0.3 to VIN + 0.3V
V
Output voltage range, VOUT
–0.3 to +7.0
V
Peak output current
Internally limited
Output short-circuit duration
Indefinite
Junction temperature range, TJ
–55 to +150
°C
Storage temperature range , TSTG
–55 to +150
°C
Total continuous power dissipation, PDISS
See Dissipation Ratings Table
ESD rating, HBM
2
kV
ESD rating, CDM
500
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
DERATING FACTOR
BOARD
PACKAGE
RθJC
RθJA
ABOVE TA = +25°C
TA < +25°C
TA = +70°C
TA = +85°C
High-K(1)
DRV
20
°C/W
95
°C/W
10.53mW/
°C
1053mW
579mW
421mW
(1)
The JEDEC high-K (2s2p) board used to derive this data was a 3in
× 3in, multilayer board with 1-ounce internal power and ground
planes and 2-ounce copper traces on top and bottom of the board.
2
Submit Documentation Feedback


Similar Part No. - TPS71918-15DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71918-12 TI1-TPS71918-12 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVR TI-TPS71918-12DRVR Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVR TI-TPS71918-12DRVR Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVR TI1-TPS71918-12DRVR Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71918-12DRVR TI1-TPS71918-12DRVR Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
More results

Similar Description - TPS71918-15DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS718XX TI-TPS718XX_07 Datasheet
325Kb / 18P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
logo
ams AG
AS1374 AMSCO-AS1374_04 Datasheet
1Mb / 19P
   Dual 200mA, Low-Noise, High-PSRR, Low Dropout Regulators
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com