Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK6201EARGTTG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLK6201EARGTTG4
Description  6.25-Gbps Cable and PC Board Equalizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6201EARGTTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK6201EARGTTG4 Datasheet HTML 7Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 8Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 9Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 10Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 11Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 12Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 13Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 14Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
VID − Differential Input Voltage − VP−P
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.5
1.0
1.5
2.0
G005
6.25 Gbps
K28.5 Pattern
36-Inch Stripline
No line
Stripline Length − Inches
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
45
50
G006
6.25 Gbps
K28.5 Pattern
VID − Differential Input Voltage − VP−P
0
2
4
6
8
10
12
14
16
18
0.0
0.5
1.0
1.5
2.0
G007
36-Inch Stripline
No Line
6.25 Gbps
K28.5 Pattern
TLK6201EA
SLLS738 – AUGUST 2006
TYPICAL CHARACTERISTICS (continued)
Typical operating condition is at V
CC = 3.3 V, TA = 25°C, DE0 = low, DE1 = low, SWG = low, and no interconnect line at the
output (unless otherwise noted).
RANDOM JITTER
DETERMINISTIC JITTER
vs
vs
INPUT VOLTAGE
STRIPLINE LENGTH
Figure 9.
Figure 10.
DETERMINISTIC JITTER
vs
INPUT VOLTAGE
Figure 11.
11
Submit Documentation Feedback


Similar Part No. - TLK6201EARGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK6201EARGTT TI-TLK6201EARGTT Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
More results

Similar Description - TLK6201EARGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4211EA TI1-TLK4211EA Datasheet
1Mb / 17P
[Old version datasheet]   4.25 Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E_10 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
EQ50F100 TI1-EQ50F100 Datasheet
5Mb / 18P
[Old version datasheet]   1Gbps - 6.25 Gbps Backplane Equalizer
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1102E TI-TLK1102E_10 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
logo
Microchip Technology
EQCO62R20.3 MICROCHIP-EQCO62R20.3 Datasheet
1Mb / 34P
   EQCO62R20.3 6.25 Gbps Asymmetric Coax Equalizer
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com