Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34C02-W Datasheet(PDF) 9 Page - STMicroelectronics

Part # M34C02-W
Description  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-W Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M34C02-W Datasheet HTML 5Page - STMicroelectronics M34C02-W Datasheet HTML 6Page - STMicroelectronics M34C02-W Datasheet HTML 7Page - STMicroelectronics M34C02-W Datasheet HTML 8Page - STMicroelectronics M34C02-W Datasheet HTML 9Page - STMicroelectronics M34C02-W Datasheet HTML 10Page - STMicroelectronics M34C02-W Datasheet HTML 11Page - STMicroelectronics M34C02-W Datasheet HTML 12Page - STMicroelectronics M34C02-W Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
M34C02-W, M34C02-L, M34C02-R
Signal description
9/31
2.5
Supply voltage (VCC)
2.5.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 6, Table 7 and
Table 8). In order to secure a stable DC supply voltage, it is recommended to decouple the
VCC line with a suitable capacitor (usually of the order of 10nF to 100nF) close to the
VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal write cycle (tW).
2.5.2
Internal device reset
In order to prevent inadvertent Write operations during Power-up, a Power On Reset (POR)
circuit is included. At Power-up (continuous rise of VCC), the device will not respond to any
instruction until VCC has reached the Power On Reset threshold voltage (this threshold is
lower than the minimum VCC operating voltage defined in Table 6, Table 7 and Table 8).
When VCC has passed the POR threshold, the device is reset and in the Standby Power
mode.
2.5.3
Power-down
At Power-down (where VCC decreases continuously), as soon as VCC drops from the normal
operating voltage to below the Power On Reset threshold voltage, the device stops
responding to any instruction sent to it.
During Power-down, the device must be deselected and in Standby Power mode (that is
there should be no internal Write cycle in progress).
Figure 4.
Maximum RP value versus bus parasitic capacitance (C) for an I²C Bus
AI01665b
VCC
C
SDA
RP
MASTER
RP
SCL
C
100
0
4
8
12
16
20
C (pF)
10
1000
fc = 400kHz
fc = 100kHz


Similar Part No. - M34C02-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02-WBN6T STMICROELECTRONICS-M34C02-WBN6T Datasheet
147Kb / 19P
   2 Kbit Serial I짼C Bus EEPROM For DIMM Serial Presence Detect
M34C02-WDW6T STMICROELECTRONICS-M34C02-WDW6T Datasheet
147Kb / 19P
   2 Kbit Serial I짼C Bus EEPROM For DIMM Serial Presence Detect
M34C02-WMN6T STMICROELECTRONICS-M34C02-WMN6T Datasheet
147Kb / 19P
   2 Kbit Serial I짼C Bus EEPROM For DIMM Serial Presence Detect
More results

Similar Description - M34C02-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34C02 STMICROELECTRONICS-M34C02 Datasheet
147Kb / 19P
   2 Kbit Serial I짼C Bus EEPROM For DIMM Serial Presence Detect
M34E02 STMICROELECTRONICS-M34E02 Datasheet
349Kb / 23P
   2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
M34E04B STMICROELECTRONICS-M34E04B Datasheet
566Kb / 35P
   4-Kbit Serial Presence Detect EEPROM compatible
logo
Seiko Instruments Inc
S-34C04A SII-S-34C04A Datasheet
1Mb / 22P
   FOR DIMM SERIAL PRESENCE DETECT
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com