Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20K Datasheet(PDF) 6 Page - Altera Corporation

Part # APEX20K
Description  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20K Datasheet(HTML) 6 Page - Altera Corporation

Back Button APEX20K Datasheet HTML 2Page - Altera Corporation APEX20K Datasheet HTML 3Page - Altera Corporation APEX20K Datasheet HTML 4Page - Altera Corporation APEX20K Datasheet HTML 5Page - Altera Corporation APEX20K Datasheet HTML 6Page - Altera Corporation APEX20K Datasheet HTML 7Page - Altera Corporation APEX20K Datasheet HTML 8Page - Altera Corporation APEX20K Datasheet HTML 9Page - Altera Corporation APEX20K Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 117 page
background image
6
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
General
Description
APEXTM 20K devices are the first PLDs designed with the MultiCore
architecture, which combines the strengths of LUT-based and product-
term-based devices with an enhanced memory structure. LUT-based logic
provides optimized performance and efficiency for data-path, register-
intensive, mathematical, or digital signal processing (DSP) designs.
Product-term-based logic is optimized for complex combinatorial paths,
such as complex state machines. LUT- and product-term-based logic
combined with memory functions and a wide variety of MegaCore and
AMPP functions make the APEX 20K device architecture uniquely suited
for system-on-a-programmable-chip designs. Applications historically
requiring a combination of LUT-, product-term-, and memory-based
devices can now be integrated into one APEX 20K device.
APEX 20KE devices are a superset of APEX 20K devices and include
additional features such as advanced I/O standard support, CAM,
additional global clocks, and enhanced ClockLock clock circuitry. In
addition, APEX 20KE devices extend the APEX 20K family to 1.5 million
gates. APEX 20KE devices are denoted with an “E” suffix in the device
name (e.g., the EP20K1000E device is an APEX 20KE device). Table 8
compares the features included in APEX 20K and APEX 20KE devices.


Similar Part No. - APEX20K

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
   Programmable Logic Device
More results

Similar Description - APEX20K

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com