Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B4 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-B4
Description  ULTRA MINIATURE RELAY SLIM SIGNAL RELAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B4 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-B4 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B4 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FTR-B4 Series
2
n
COIL DATA CHART
Standardtype
*Pulsedriven
Note:Allvaluesinthetablearemeasuredat20˚C.
Latchingtype(1coil)
*Pulsedriven
Note:Allvaluesinthetablearemeasuredat20˚C.
+
V
L
E
D
O
M
li
o
c
d
e
t
a
R
e
g
a
tl
o
v
e
c
n
a
t
s
i
s
e
r
li
o
C
)
%
0
1
±
(
g
n
it
a
r
e
p
O
e
g
a
tl
o
v
e
s
a
e
l
e
R
*
e
g
a
tl
o
v
r
e
w
o
p
d
e
t
a
R
n
o
it
p
m
u
s
n
o
c
Z
5
.
1
A
)
(
4
B
-
R
T
F
C
D
V
5
.
1
1
.
6
1
V
3
1
.
1
5
1
.
0
+
W
m
0
4
1
Z
3
0
0
A
)
(
4
B
-
R
T
F
C
D
V
3
3
.
4
6
V
5
2
.
2
+
V
3
.
0
+
W
m
0
4
1
Z
5
.
4
A
)
(
4
B
-
R
T
F
C
D
V
5
.
4
5
4
1
V
8
3
.
3
+
V
5
4
.
0
+
W
m
0
4
1
Z
6
0
0
A
)
(
4
B
-
R
T
F
C
D
V
6
7
5
2
V
5
.
4
+
V
6
.
0
+
W
m
0
4
1
Z
9
0
0
A
)
(
4
B
-
R
T
F
C
D
V
9
9
7
5
V
5
7
.
6
+
V
9
.
0
+
W
m
0
4
1
Z
2
1
0
A
)
(
4
B
-
R
T
F
C
D
V
2
1
8
2
0
,
1
V
0
.
9
+
V
2
.
1
+
W
m
0
4
1
Z
4
2
0
A
)
(
4
B
-
R
T
F
C
D
V
4
2
4
0
5
,
2
V
0
.
8
1
+
V
4
.
2
+
W
m
0
3
2
L
E
D
O
M
li
o
c
d
e
t
a
R
e
g
a
tl
o
v
e
c
n
a
t
s
i
s
e
r
li
o
C
)
%
0
1
±
(
t
e
S
e
g
a
tl
o
v
e
s
a
e
l
e
R
e
g
a
tl
o
v
r
e
w
o
p
d
e
t
a
R
n
o
it
p
m
u
s
n
o
c
Z
5
.
1
B
)
(
4
B
-
R
T
F
C
D
V
5
.
1
5
.
2
2
V
3
1
.
1
+
V
3
1
.
1
-
W
m
0
0
1
Z
3
0
0
B
)
(
4
B
-
R
T
F
C
D
V
3
0
9 Ω
V
5
2
.
2
+
V
5
2
.
2
-
W
m
0
0
1
Z
5
.
4
B
)
(
4
B
-
R
T
F
C
D
V
5
.
4
3
0
2
V
8
3
.
3
+
V
8
3
.
3
-
W
m
0
0
1
Z
6
0
0
B
)
(
4
B
-
R
T
F
C
D
V
6
0
6
3
V
5
.
4
+
V
5
.
4
-
W
m
0
0
1
Z
9
0
0
B
)
(
4
B
-
R
T
F
C
D
V
9
0
1
8
V
5
7
.
6
+
V
5
7
.
6
-
W
m
0
0
1
Z
2
1
0
B
)
(
4
B
-
R
T
F
C
D
V
2
1
0
4
4
,
1
V
0
.
9
+
V
0
.
9
-
W
m
0
0
1
Z
4
2
0
B
)
(
4
B
-
R
T
F
C
D
V
4
2
0
0
8
,
4
V
0
.
8
1
+
V
0
.
8
1
-
W
m
0
2
1


Similar Part No. - FTR-B4

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-B4CA003Z FUJITSU-FTR-B4CA003Z Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-B4CA006Z FUJITSU-FTR-B4CA006Z Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-B4CA009Z FUJITSU-FTR-B4CA009Z Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
FTR-B4CA012Z FUJITSU-FTR-B4CA012Z Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
More results

Similar Description - FTR-B4

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-C2 FUJITSU-FTR-C2 Datasheet
539Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fuji Electric
FTR-C1 FUJI-FTR-C1 Datasheet
439Kb / 8P
   ULTRA MINIATURE RELAY SIGNAL RELAY
logo
Fujitsu Component Limit...
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
logo
Picker Components
PC466 PICKER-PC466_17 Datasheet
729Kb / 2P
   Ultra Slim Miniature PCB Power Relay
logo
American Electronic Com...
DTC1 AEC-DTC1 Datasheet
354Kb / 3P
   ultra miniature pcb signal relay
logo
Picker Components
PC458 PICKER-PC458_17 Datasheet
183Kb / 2P
   Ultra Slim Inline Relay
PC458 PICKER-PC458 Datasheet
187Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457 Datasheet
208Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_17 Datasheet
790Kb / 2P
   Ultra Slim Inline Relay
PC457 PICKER-PC457_14 Datasheet
161Kb / 2P
   Ultra Slim Inline Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com