Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T83SM6E Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T83SM6E
Description  Serial RTC with battery switchover
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83SM6E Datasheet(HTML) 1 Page - STMicroelectronics

  M41T83SM6E Datasheet HTML 1Page - STMicroelectronics M41T83SM6E Datasheet HTML 2Page - STMicroelectronics M41T83SM6E Datasheet HTML 3Page - STMicroelectronics M41T83SM6E Datasheet HTML 4Page - STMicroelectronics M41T83SM6E Datasheet HTML 5Page - STMicroelectronics M41T83SM6E Datasheet HTML 6Page - STMicroelectronics M41T83SM6E Datasheet HTML 7Page - STMicroelectronics M41T83SM6E Datasheet HTML 8Page - STMicroelectronics M41T83SM6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
March 2007
Rev 4
1/58
1
M41T82
M41T83
Serial RTC with battery switchover
Features
2.0 to 5.5V clock operating voltage
Ultra-low battery supply current of 365nA
Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
Programmable clock calibration (analog and
digital)
Automatic switchover and reset output circuitry
(fixed reference)
–M41T83S
VCC = 3.00V to 5.50V
(2.85V
≤ VRST ≤ 3.00V)
–M41T83R
VCC = 2.70V to 5.50V
(2.55V
≤ VRST ≤ 2.70V)
–M41T83Z
VCC = 2.38V to 5.50V
(2.25V
≤ VRST ≤ 2.38V)
Serial interface supports I2C Bus (400kHz
protocol)
Programmable alarm with interrupt function
(valid even during battery back-up mode)
Optional 2nd programmable alarm available
Square wave output defaults to 32KHz on
power-up (M41T83 only)
RESET (RST) output
Watchdog timer
Programmable 8-bit counter/timer
7 bytes of battery-backed user SRAM
Battery low flag
Power-down time stamp (HT bit)
Low operating current of 80µA
1.
Contact local ST sales office for availability of SOX18
package.
Oscillator stop detection
Battery or Super-cap™ back-up
Operating temperature of –40°C to 85°C
Package options include:
– a 16-lead QFN (M41T83),
– an 18-lead embedded crystal SOIC
(M41T83), or
– an 8-lead SOIC (M41T82)
RoHS compliance: lead-free components are
compliant with the RoHS directive.
SOX18 (MY, 18-pin, 300mil SOIC
QFN16, 4mm x 4mm (QA)
SO8 (M)
1
18
with Embedded Crystal)1
(VFQFPN16)
www.st.com


Similar Part No. - M41T83SM6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T83SM6E STMICROELECTRONICS-M41T83SM6E Datasheet
989Kb / 61P
   Serial I2C bus RTC with battery switchover
More results

Similar Description - M41T83SM6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
   Serial I2C bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
   Serial SPI bus RTC with battery switchover
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
   Serial SPI bus RTC with battery switchover
M41T82 STMICROELECTRONICS-M41T82_08 Datasheet
465Kb / 58P
   Serial I2C bus RTC with battery switchover
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
   Serial SPI bus real-time clock with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com