Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C5001
Description  Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C5001 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C5001 Datasheet HTML 1Page - List of Unclassifed Manufacturers C5001 Datasheet HTML 2Page - List of Unclassifed Manufacturers C5001 Datasheet HTML 3Page - List of Unclassifed Manufacturers C5001 Datasheet HTML 4Page - List of Unclassifed Manufacturers C5001 Datasheet HTML 5Page - List of Unclassifed Manufacturers C5001 Datasheet HTML 6Page - List of Unclassifed Manufacturers C5001 Datasheet HTML 7Page - List of Unclassifed Manufacturers C5001 Datasheet HTML 8Page - List of Unclassifed Manufacturers C5001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
C5001
Low Skew Multiple Frequency PCI Clock Generator with EMI Reducing SSCG.
Approved Product
INTERNATIONAL MICROCIRCUITS, INC. 525 LOS COCHES ST.
Rev. 2.1
6/14/1999
MILPITAS, CA 95035. TEL: 408-263-6300. FAX 408-263-6571
Page 1 of 13
Product Features
S
Produces PCI output clocks that are individually
selectable for 33.3 or 66.6 MHz under I
2C or
strapping control.
S
Separate output buffer power supply for reduced
noise, crosstalk and jitter.
S
input clock frequency standard 14.31818 MHz
S
Output clocks frequency individually selectable via
I
2C or hardware bi-directional pin strapping.
S
SSCG EMI reduction at 1.0% width
S
Individual clock disables via I
2C control
S
All output clocks skewed within a 500 pS window
S
Cycle to Cycle jitter
± 250 pS
S
Output duty cycle is automatically 50% (
±10%)
adjusted
S
Clock feed through mode and OE pins for logic
testing
S
Glitchless clock enabling and disabling transitions
S
28-pin TSSOP or SSOP package
Block Diagram
Output Enable logic Functionality Table
OE
CLK(0:9)
PLL
1 (HIGH)
Enabled
Running
0 (LOW)
Tri State
Running
Pin Configuration
VDD1
REF-CLK0/S0
CLK1/S1
VSS
VDD2
CLK2/S2
CLK3/S3
VSS
VDD3
CLK4/S4
CLK5/S5
VSS
VDD4
CLK6/S6
VDD
XIN
XOUT
VSS
OE
SCLK
SDATA
VSS
VSS
CLK9/S9
CLK8/S8
VDD5
VSS
CLK7/S7
28
27
26
25
24
23
22
21
20
19
18
17
16.
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
XIN
SCLK
SDATA
XOUT
CLK4/S4
CLK1/S1
REF-
CLK0/S0
CLK2/S2
CLK3/S3
CLK7/S7
CLK8/S8
CLK9/S9
CLK5/S5
CLK6/S6
I2C
LOGIC
÷1 ÷2
÷1 ÷2
÷1 ÷2
÷1 ÷2
÷1 ÷2
÷1 ÷2
÷1 ÷2
÷1 ÷2
÷1 ÷2
÷1 ÷2
÷4, ÷8
PLL
OE
M
U
X
Reference
Oscillator


Similar Part No. - C5001

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
C5001 PULSE-C5001 Datasheet
77Kb / 1P
   RF/CABLE LOW PASS FILTERS
C5001 PULSE-C5001 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results

Similar Description - C5001

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8761 ICST-ICS8761 Datasheet
200Kb / 15P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
   Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16020DC SILABS-SL16020DC Datasheet
139Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Renesas Technology Corp
87604I RENESAS-87604I Datasheet
393Kb / 14P
   Low Voltage/Low Skew, 1:4 PCI/PCI-X Zero Delay Clock Generator
11/11/15
logo
List of Unclassifed Man...
ICS87608I ETC-ICS87608I Datasheet
152Kb / 12P
   LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com